Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 10 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 10 Page - ABB

Back Button OVR40320SPTS Datasheet HTML 6Page - ABB OVR40320SPTS Datasheet HTML 7Page - ABB OVR40320SPTS Datasheet HTML 8Page - ABB OVR40320SPTS Datasheet HTML 9Page - ABB OVR40320SPTS Datasheet HTML 10Page - ABB OVR40320SPTS Datasheet HTML 11Page - ABB OVR40320SPTS Datasheet HTML 12Page - ABB OVR40320SPTS Datasheet HTML 13Page - ABB OVR40320SPTS Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Surge
Pr
otective
Devices
16.8
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
16
16
Introduction
The OVR NE12 enclosed surge protective device (SPD) is the latest addition to ABB’s extensive range of surge protection products. It is
designed to be installed at the service entrance, thereby protecting the entire facility from the harmful effects of transient surges. These
surges are the result of:
• Direct and indirect lightning strikes
• Power company load switching
• Upstream load switching at other facilities
Extensive damage and expensive repairs can result from these types of disturbances if surge protection is not present.
Features & benefits
The OVR NE12 is a multistage protector with fast acting varistor (MOV) and EMI/RFI noise attenuation filter to limit overvoltage to values
compatible with the sensitive equipment connected to the network. In addition to the OVR NE12, ABB recommends adding OVR DIN rail
SPDs at branch panels and equipment, creating a multi-level approach to protection.
General
• NEMA 12 enclosure
• All mode protection (L-L/L-N/L-G/N-G)
• Auxiliary contacts for remote monitoring
• Safety disconnect, fused
• LED power on/fault indicator
• Audible alarm
MOV technology
• 160kA or 320kA per phase
• Replaceable MOV blocks
• Visual and audible MOV replacement indication
Surge counter/diagnostic LCD display (optional)
• Count of surges 2kA and higher with time and date
• Visual diagnostic information
Applications
The OVR NE12 is suitable for protection for all manner of facilities and operations. It is designed with a NEMA Type 12 enclosure, and
rated as a Type 2 SPD, requiring indoor installation on the load side of the main breaker or fuse.
Here are some examples of operations that would benefit from an OVR NE12 enclosed SPD:
• Critical power (hospitals, data centers, etc)
• Communications
• Renewable energy
• Manufacturing
• Water/wastewater
• Commercial
Specifications
• Approvals: UL 1449 - 3rd Edition Listed, UL 1283, CSA 22.2 No. 8
• Type 2 Surge Protective Device
• NEMA 12 enclosure
• Three service voltages (AC): 240/120V Split phase,
480V Delta and 480/277V Wye
• 160kA or 320kA per phase protection
• Short circuit current rating (SCCR): 200kA
ABB recommends the installation of the OVR NE12 enclosed SPD wherever
uptime is a critical element of a facility or operation.
Product introduction
OVR NE12 enclosed SPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com