Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVR40320SPTS Datasheet(PDF) 5 Page - ABB

Part # OVR40320SPTS
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40320SPTS Datasheet(HTML) 5 Page - ABB

  OVR40320SPTS Datasheet HTML 1Page - ABB OVR40320SPTS Datasheet HTML 2Page - ABB OVR40320SPTS Datasheet HTML 3Page - ABB OVR40320SPTS Datasheet HTML 4Page - ABB OVR40320SPTS Datasheet HTML 5Page - ABB OVR40320SPTS Datasheet HTML 6Page - ABB OVR40320SPTS Datasheet HTML 7Page - ABB OVR40320SPTS Datasheet HTML 8Page - ABB OVR40320SPTS Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Surge
Pr
otective
Devices
Low Voltage Products & Systems
16.3
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Overvoltages due to direct lightning strikes
These can take two forms:
• When lightning strikes a lightning conductor or the roof of a building which is grounded, the lightning current is dissipated into the ground.
The impedance of the ground and the current flowing through it create large difference of potential: this is the overvoltage. This overvoltage
then propagates throughout the building via the cables, damaging equipment along the way.
• When lightning strikes an overhead low voltage line, the strike produces high currents which penetrate into the building creating large
overvoltages. The damage caused by this type of overvoltage is usually catastrophic (e.g. fire in the electrical switchboard causing the
destruction of buildings and industrial equipment) and results in explosions.
Direct lightning strike on an overhead line
Direct lightning strike on a lightning conductor or the roof of a building
General information
General points on lightning and its risks
Overvoltages due to the indirect effects of lightning strikes
Overvoltages are also produced when lightning strikes in the vicinity of a building, due to the increase in potential of the ground at the
point of impact. The electromagnetic fields created by the lightning current generate inductive and capacitive coupling, leading to other
overvoltages. Within a radius up to several kilometers, the electromagnetic field caused by lightning in clouds can also create sudden
increases in voltage.
Although less spectacular than in the previous case, irreparable damage is also caused to sensitive equipment such as fax machines,
computer power supplies and safety and communication systems.
Magnetic field
Increase in ground potential
Electrostatic field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com