Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
33
Figure 17 illustrates the various blocks of the analogue routing paths within the WM8593. The
following sections describe the control bits associated with the WM8593 analogue paths. Figure 17
also shows where these control bits take affect on the WM8593.
Figure 17 Analogue Routing Paths and Control
ANALOGUE VOLUME CONTROL
Each analogue bypass channel includes analogue volume control. Volume changes can be applied
to each channel immediately as they are written. Alternatively, all volume changes can be written,
and then all volume changes can be applied simultaneously using the volume update feature.
Volume control includes optional zero cross functionality. When zero cross is enabled, volume
changes are not applied until the output level crosses the DC level of the analogue channel (VMID).
Zero cross helps to prevent pop and click noise when changing volume settings.
The zero cross function includes a timeout which forces volume changes if a zero cross event does
not occur. The timeout period is a maximum of 278ms.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
PGA1L_VOL
13h
7:0
PGA1L_
VOL[7:0]
R20
PGA1R_VOL
14h
7:0
PGA1R_
VOL[7:0]
R21
PGA2L_VOL
15h
7:0
PGA2L_
VOL[7:0]
R22
PGA2R_VOL
16h
7:0
PGA2R_
VOL[7:0]
00001100
Input PGA Volume
0000 0000 = +6dB
0000 0001 = +5.5dB
…0.5dB steps
00001100 = 0dB
…
1001 1110 = -73.5dB
1001 1111 = PGA Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com