Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
9
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, 1kHz signal, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input signal level (0dB)
2.0 x
AVDD1/3.3
TBD
Vrms
Input impedance
10
11
12
k
Ω
Extended input impedance
(Note 3)
External resistor =
10k
Ω
21
k
Ω
Input capacitance
TBD
pF
DAC Performance
A-weighted
@ fs = 48kHz
TBD
100
dB
A-weighted
@ fs = 96kHz
100
dB
Signal to Noise Ratio
1,5
SNR
A-weighted
@ fs = 192kHz
100
dB
Dynamic Range
2,5
DNR
A-weighted, -60dB full
scale input
TBD
100
dB
1kHz, 0dBFS
@ fs = 48kHz
-90
TBD
dB
1kHz, 0dBFS
@ fs = 96kHz
-90
dB
Total Harmonic Distortion
3,5
THD
1kHz, 0dBFS
@ fs = 192kHz
-90
dB
Channel Separation
4,5
100
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.05
Degree
1kHz, 100mVpp
TBD
50
dB
Power supply rejection ratio
PSRR
20Hz to 20kHz,
100mVpp
TBD
dB
ADC Performance
A-weighted, 0dB gain
@ fs = 48kHz
TBD
100
dB
Signal to Noise Ratio
1,5
SNR
A-weighted, 0dB gain
@ fs = 96kHz
97
dB
Dynamic Range
2,5
DNR
A-weighted, -60dB full
scale input
TBD
100
dB
1kHz, -1dBFS
@ fs = 48kHz
-90
TBD
dB
Total Harmonic Distortion
3,5
THD
1kHz, -1dBFS
@ fs = 96kHz
-87
dB
Channel Separation
4,5
100
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.05
Degree
TBD
50
dB
Power Supply Rejection Ratio
PSRR
TBD
dB
Analogue Bypass Paths
Signal to Noise Ratio
1,5
SNR
A-weighted
100
dB
Dynamic Range
2,5
DNR
A-weighted
100
dB
Total Harmonic Distortion
3,5
THD
90
dB
Channel Separation
4,5
100
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.05
Degree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com