Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
87
R42 (2Ah) – Audio Interface MUX Configuration Register 6 (AIF_MUX6)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
DAC1_UPD
DAC1DIN_SEL[2:1]
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
DAC1DIN_
SEL[0]
DAC1WORDCLK_SEL[2:0]
DAC1MCLK_SEL[2:0]
DAC1_
FORCE
Default
1
0
0
1
0
0
1
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC1_FORCE
Force DAC1 Clocks to Change
0 = Wait until clocks are safe before switching between clock sources
1 = Force clock sources to change immediately
See Table 40 for details of use.
DAC1MCLK_SEL[2:0]
DAC1MCLK Select
000 = Use MCLK1
001 = Use MCLK2
010 = Use MCLK3
011 = Use MCLK4
100 = Use MCLK5
101 to 111 = Reserved
DAC1WORDCLK_
SEL[2:0]
DAC1BCLK and DAC1LRCLK Select
000 = Use BCLK1 and LRCLK1
001 = Use BCLK2 and LRCLK2
010 = Use BCLK3 and LRCLK3
011 = Use BCLK4 and LRCLK4
100 = Use BCLK5 and LRCLK5
101 = Output DAC1BCLK and DAC1LRCLK (when DAC1 is in master mode)
110 = Use DAC2BCLK and DAC2LRCLK (when DAC2 is in master mode)
111 = Use ADCBCLK and ADCBCLK (when ADC is master mode)
DAC1DIN_SEL[2:0]
DAC1DIN Select
000 = Use DIO1
001 = Use DIO2
010 = Use DIO3
011 = Use DIO4
100 = Use DIO5
101 = Use GPIO1
110 = Use GPIO2
111 = Use ADCDOUT
DAC1_UPD
DAC1 Clock Update
0 = Latch corresponding DAC1 clock settings into Register Map but do not update
1 = Latch corresponding DAC1 clock settings into Register Map and update all simultaneously
Figure 58 R42 – Audio Interface MUX Configuration Register 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com