Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
20
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL INTERFACE MODE
REGISTER WRITE
SDIN is used for the program data, SCLK is used to clock in the program data and /CS is use to
latch in the program data. SDIN is sampled on the rising edge of SCLK. The 3-wire interface write
protocol is shown in Figure 10.
Figure 10 3-Wire Serial Interface Write Protocol
•
W indicates write operation.
•
A[6:0] is the register index.
•
B[15:0] is the data to be written to the register indexed.
•
/CS is edge sensitive – the data is latched on the rising edge of /CS.
REGISTER READ-BACK
The read-only status registers can be read back via the SDOUT pin. Read Back is enabled when the
R/W bit is high. The data can then be read by writing to the appropriate register address, to which the
device will respond with data.
Figure 11 3-Wire Serial Interface Readback Protocol
REGISTER RESET
Any write to register R0 (00h) will reset the WM8593. All register bits are reset to their default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com