Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
67
ADCR_INV
ADCL_INV
ADCL and ADCR Output Signal Inversion
0 = Output not inverted
1 = Output inverted
ADC_DATA_SEL[1:0]
ADC Data Output Select
00 = left data from ADCL, right data from ADCR (Normal Stereo)
01 = left data from ADCL, right data from ADCL (Mono Left)
10 = left data from ADCR, right data from ADCR (Mono Right)
11 = left data from ADCR, right data from ADCL (Reverse Stereo)
ADC_HPD
ADC High Pass Filter Disable
0 = High pass filter enabled
1 = High pass filter disabled
ADC_ZC_EN
ADC Digital Volume Control Zero Cross Enable
0 = Do not use zero cross, change volume instantly
1 = Use zero cross, change volume when data crosses zero
Figure 37 R13 – ADC Control Register 1
R14 (0Eh) – ADC Control Register 2 (ADC_CTRL2)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
Write
N/A
N/A
ADC_BCLKDIV[2:0]
ADC_SR[2:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
ADC_SR[2:0]
ADC MCLK:LRCLK Ratio
000 = Auto detect
001 = reserved
010 = reserved
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
111 = Reserved
ADC_BCLKDIV[2:0]
ADC BCLK Rate (when ADC in Master Mode)
000 = MCLK / 4
001 = MCLK / 8
010 = 32fs
011 = 64fs
100 = 128fs
All other values of ADC_BCLKDIV[2:0] are reserved
Figure 38 R14 – ADC Control Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com