Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8593SEFT/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
63
R7 (07h) – DAC2 Control Register 1 (DAC2_CTRL1)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
Write
N/A
N/A
N/A
N/A
DAC2_OP_MUX[1:0]
DAC2_MUTE
DAC2_EN
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
DAC2_ZCEN
DAC2_
DEEMPH
DAC2_LRP
DAC2_BCP
DAC2_WL[1:0]
DAC2_FMT[1:0]
Default
1
0
0
0
1
0
1
0
N/A = Not Applicable (no function implemented)
Function
Description
DAC2_FMT[1:0]
DAC2 Audio Interface Format
00 = Right Justified
01 = Left Justified
10 = I
2S
11 = DSP
DAC2_WL[1:0]
DAC2 Audio Interface Word Length
00 = 16-bit
01 = 20-bit
10 = 24-bit
11 = 32-bit (not available in Right Justified mode)
DAC2_BCP
DAC2 BCLK Polarity
0 = DACBCLK not inverted - data latched on rising edge of BCLK
1 = DACBCLK inverted - data latched on falling edge of BCLK
DAC2_LRP
DAC2 LRCLK Polarity
0 = DACLRCLK not inverted
1 = DACLRCLK inverted
DAC2_DEEMPH
DAC2 Deemphasis
0 = No deemphasis
1 = Apply 44.1kHz deemphasis
DAC2_ZCEN
DAC2 Digital Volume Control Zero Cross Enable
0 = Do not use zero cross
1 = Use zero cross
DAC2_EN
DAC2 Enable
0 = DAC2 disabled
1 = DAC2 enabled
DAC2_MUTE
DAC2 Softmute
0 = Normal operation
1 = Softmute applied
DAC2_OP_MUX[1:0]
DAC2 Digital Monomix
00 = Stereo (Normal Operation)
01 = Mono (Left data to Right DAC2)
10 = Mono (Right data to Left DAC2)
11 = Digital Monomix, (L+R)/2
Figure 31 R7 – DAC2 Control Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com