Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
9
MPU INTERFACE TIMING
MLIIS
MCDM1
MDDM0
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
CSBIWO
t
CSSH
t
CSSU
Figure 3 Program Register Input Timing - 3-Wire Serial Control Mode
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, XTI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
MCDM1 rising edge to MLIIS
rising edge
tSCS
40
ns
MCDM1 pulse cycle time
tSCY
80
ns
MCDM1 pulse width low
tSCL
20
ns
MCDM1 pulse width high
tSCH
20
ns
MDDM0 to MCDM1 set-up time
tDSU
20
ns
MCDM1 to MDDM0 hold time
tDHO
20
ns
MLIIS pulse width low
tCSL
20
ns
MLIIS pulse width high
tCSH
20
ns
MLIIS rising to SCLK rising
tCSS
20
ns
CSBIWO to MLIIS set-up time
tCSSU
20
Ns
MLIIS to CSBIWO hold time
tCSSH
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com