Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
15
INPUT FORMAT SELECTION
In hardware mode, MLIIS (pin 28) and CSBIWO (pin 23) become input controls for selection of
input data format type and input data word length.
MLIIS
CSBIWO
INPUT DATA MODE
0
0
24-bit right justified**
0
1
20-bit right justified
1
0
16-bit I
2S
1
1
24-bit I
2S
Table 4 Input Format Selection
Note:
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that LRCIN is high for a
minimum of 24 BCKINs and low for a minimum of 24 BCKINs.
** This mode differs from the WM8716 which does 16-bit right justified in this mode.
The
previous mode is still available by using exactly 32 BCKIN per LRCIN cycle, 16 for left and
right. This mode is automatically detected within the hardware and overrides the data width
specified but not the format.
DE-EMPHASIS CONTROL
In hardware mode, MCDM1 (pin 27) and MDDM0 (pin 26) become input controls for selection
of de-emphasis filtering to be applied.
MCDM1
MDDM0
DE-EMPHASIS**
0
0
Off
0
1
48kHz
1
0
44.1kHz
1
1
32kHz
Table 5 De-emphasis Control
Note:
** The actual de-emphasis within the WM8706 is the same for all data rates. This differs from
WM8716 which has a different response for each sample rate.
SOFTWARE CONTROL INTERFACE
SELECTION OF CONTROL MODE
The WM8706 may be programmed to operate in hardware or software control modes. This is
achieved by setting the state of the MODE pin.
MODE
INTERFACE FORMAT
0
Hardware Control Mode
1
Software Control Mode
Table 6 Control Interface Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com