Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
17
REGISTER
ADDRESS
A2, A1, A0
BITS
LABEL
DEFAULT
DESCRIPTION
[7:0]
LAT[7:0]
11111111 (0dB)
Attenuation data for left channel in 0.5dB steps.
000
A2, A1, A0
DACL
Attenuation
8
UPDATEL
0
Attenuation data load control for left channel.
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on all channels.
[7:0]
RAT[7:0]
11111111 (0dB)
Attenuation data for right channel in 0.5dB steps.
001
DACR
Attenuation
8
UPDATER
0
Attenuation data load control for right channel.
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on all channels.
0
MUT
0
Left and right DACs soft mute control.
0: No mute
1: Mute
1
DEEMPH
0
De-emphasis control.
0: De-emphasis off
1: De-emphasis on
2
PWDN
0
Left and Right DACs Power-down Control
0: All DACs running, output is active
1: All DACs in power saving mode, output muted
010
DAC Control
[5:3]
IW[2:0]
000
Audio data format select.
0
I
2S
0
Audio data format select.
1
LRP
0
Polarity select for LRCIN/DSP mode select.
0: normal LRCIN polarity/DSP late mode
1: inverted LRCIN polarity/DSP early mode
2
ATC
0
Attenuator Control.
0: All DACs use attenuations as programmed.
1: Right channel DACs use corresponding left DAC
attenuations
4
REV
0
Output phase reverse.
5
BCP
0
BCKIN Polarity
0 : normal BCKIN polarity
1: inverted BCKIN polarity
[7:6]
SF[1:0]
00
De-Emphasis sample rate select.
011
Interface
Control
8
IZD
0
Infinite zero detection circuit control and automute control
0: Infinite zero detect disabled
1: Infinite zero detect enabled
Table 8 Register Bit Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com