Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
14
Figure 9 shows the application and release of MUTE whilst a full amplitude sinusoid is being
played at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace)
begins to decay exponentially from the DC level of the last input sample. The output will decay
towards VMID with a time constant of approximately 64 input samples. When MUTE is de-
asserted, the output will restart almost immediately from the current input sample.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)
Figure 9 Application and Release of Soft Mute
The MUTEB pin is an input to select mute or not mute. MUTEB is active low; taking the pin low
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTEB high again allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long
being applied to both channels. After such an event, a latch is set whose output
(AUTOMUTED) is wire OR’ed through a 10kohm resistor to the MUTEB pin. Thus if the
MUTEB pin is not being driven, the automute function will assert mute.
If MUTEB is tied high, AUTOMUTE is overridden and will not mute unless the IZD register bit is
set. If MUTEB is driven from a bi-directional source, then both MUTE and automute functions
are available. If MUTEB is not driven, AUTOMUTED appears as a weak output (10k source
impedance) so can be used to drive external mute circuits. Automute will be removed as soon
as any channel receives a non-zero input.
A diagram showing how the various Mute modes interact is shown below in Figure 10.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
MUT (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTEB
PIN
Figure 10 Selection Logic for MUTE Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com