Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
16
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
The WM8706 can be controlled using a 3-wire serial interface. MDDM0 is used for the program
data, MCDM1 is used to clock in the program data and MLIIS is used to latch in the program
data. The 3-wire interface protocol is shown in Figure 11.
MLIIS
MCDM1
MDDM0
B15
B6
B7
B8
B9
B10
B11
B12
B13
B14
B1
B2
B3
B4
B5
B0
Figure 11 3-Wire Serial Interface
Notes:
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
REGISTER MAP
WM8706 uses a total of 4 programme registers, which are 16-bits long. These registers are all
loaded through input pin MDDM0. After the 16 data bits are clocked in, MLIIS is used to latch in
the data to the appropriate register. Table 7 shows the complete mapping of the
4 registers.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
M0
0
0
0
0
0
0
0
UPDATEL
LAT7
LAT6
LAT5
LAT4
LAT3
LAT2
LAT1
LAT0
M1
0
0
0
0
0
0
1
UPDATER
RAT7
RAT6
RAT5
RAT4
RAT3
RAT2
RAT1
RAT0
M2
0
0
0
0
0
1
0
0
0
0
IW2
IW1
IW0
PWRDN DEEMPH
MUT
M3
0
0
0
0
0
1
1
IZD
SF1
SF0
BCP
REV
0
ATC
LRP
I
2S
ADDRESS
DATA
Table 7 Mapping of Program Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com