Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706SEDS/R Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8706SEDS/R
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706SEDS/R Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8706SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8706SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
WM8706
Production Data
w
PD Rev 4.1 July 2005
18
ATTENUATION CONTROL
Each DAC channel can be attenuated digitally before being applied to the digital filter. Attenuation is 0dB by default but can be
set between 0 and 127.5dB in 0.5dB steps using the 8 Attenuation control bits. All attenuation registers are double latched
allowing new values to be pre-latched to both channels before being updated synchronously. Setting the UPDATE bit on any
attenuation write will cause all pre-latched values to be immediately applied to the DAC channels.
REGISTER
ADDRESS
A2, A1, A0
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LAT[7:0]
11111111
(0dB)
Attenuation data for Left channel DACL in 0.5dB steps.
000
DACL
Attenuation
8
UPDATEL
0
Controls simultaneous update of all Attenuation Latches
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on all channels.
7:0
RAT[7:0]
11111111
(0dB)
Attenuation data for Right channel DACR in 0.5dB steps.
001
DACR
Attenuation
8
UPDATER
0
Controls simultaneous update of all Attenuation Latches
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on all channels.
Table 9 Attenuation Register Map
Note:
1.
The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-latch but not applied to the
relevant DAC. If UPDATE=1, all pre-latched values will be applied from the next input sample.
2.
Care should be used in reducing the attenuation as rapid large volume changes can introduce zipper noise.
DAC OUTPUT ATTENUATION
Registers LAT and RAT control the left and right channel attenuation. Table 10 shows how the
attenuation levels are selected from the 8-bit words.
XAT[7:0]
ATTENUATION LEVEL
00(hex)
∞dB (mute)
01(hex)
127.5dB
:
:
:
:
:
:
FE(hex)
0.5dB
FF(hex)
0dB
Table 10 Attenuation Control Levels
MUTE MODES
Setting the MUT register bit will apply a 'soft' mute to the input of the digital filters:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
010
DAC Control
0
MUT
0
Soft Mute select
0 : Normal Operation
1: Soft mute all channels
Table 11 Mute Control
DE-EMPHASIS MODE
Setting the DEEMPH register bit puts the all the digital filters into de-emphasis mode:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
010
DAC Control
1
DEEMPH
0
De-emphasis mode select:
0 : De-emphasis Off
1: De-emphasis On
Table 12 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com