Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
36
STOPPING THE MASTER CLOCK
In order to minimise power consumed in the digital core of the WM8955BL, the master clock should
be stopped in Standby and OFF modes. If this is cannot be done externally at the clock source, the
DIGENB bit (R25, bit 0) can be set to stop the MCLK signal from propagating into the device core.
However, since setting DIGENB has no effect on the power consumption of other system components
external to the WM8955BL, it is preferable to disable the master clock at its source wherever
possible.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
Management (1)
0
DIGENB
0
Master clock disable
0: master clock enabled
1: master clock disabled
Table 27 ADC and DAC Oversampling Rate Selection
NOTE: Before DIGENB can be set, the control bits DACL and DACR must be set to zero and a
waiting time of 1ms must be observed. Any failure to follow this procedure may prevent DACs and
ADCs from re-starting correctly.
OVERSAMPLING RATE
By default, the oversampling rate of the DAC digital filters is 128x. However, this can be changed to
64x by writing to the DACOSR bit. In the 64x oversampling mode, the digital filters consume less
power. However, the signal-to-noise ratio is slightly reduced.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional Control
(2)
0
DACOSR
0
DAC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
Table 28 Oversampling Rate Selection
SAVING POWER AT LOW SUPPLY VOLTAGES
The analogue supplies to the WM8955BL can run from 1.8V to 3.6V. By default, all analogue circuitry
on the device is optimized to run at 3.3V. This set-up is also good for all other supply voltages down
to 1.8V. However, at lower voltages, it is possible to save power by reducing the internal bias currents
used in the analogue circuitry. This is controlled as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control(1)
7:6
VSEL[1:0]
11
Analogue Bias optimization
00 : Lowest bias current, optimized for 1.8V
01 : Low bias current, optimized for 2.5V
10, 11 : Default bias current, optimized for
3.3V
Table 29 Analogue Bias Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com