Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
24
LOUT1/ROUT1 OUTPUTS
The LOUT1 and ROUT1 pins can drive a 16
Ω or 32Ω headphone or a line output (see Headphone
Output and Line Output sections, respectively). The signal volume on LOUT1 and ROUT1 can be
independently adjusted under software control by writing to LOUT1VOL and ROUT1VOL,
respectively. Note that gains over 0dB may cause clipping if the signal is large. Any gain setting below
0101111 (minimum gain) mutes the output driver. The corresponding output pin remains at the same
DC level (the reference voltage on the VREF pin), so that no click noise is produced when muting or
un-muting.
The analogue outputs have a zero cross detect feature to minimize audible clicks and zipper noise
when on gain changes (i.e. the updating of the gain value is delayed until the signal passes through
zero). By default, this includes a time-out function, which forces the gain to update if no zero crossing
occurs within a certain period of time.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LOUT1VOL
1111001
(0dB)
LOUT1 Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
7
LO1ZC
0
LOUT1 zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R2 (02h)
LOUT1
Volume
8
LO1VU
0
Left Volume Update
0 = Store LOUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = LOUT1VOL, right =
intermediate latch)
6:0
ROUT1VOL
1111001
(0dB)
ROUT1 Volume
Similar to LOUT1VOL
7
RO1ZC
0
ROUT1 zero cross enable
Similar to LO1ZC
R3 (03h)
ROUT1
Volume
8
RO1VU
0
Right Volume Update
0 = Store ROUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
ROUT1VOL)
R23 (17h)
0
TOEN
1
Time-out enable for zero-cross detectors
0 = time-out disabled (i.e. gains are
never updated if there is no zero
crossing)
1 = time-out enabled
Table 14 LOUT1/ROUT1 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com