Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
23
ANALOGUE OUTPUTS
ENABLING THE OUTPUTS
Each analogue output of the WM8955BL can be separately enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
Outputs can be enabled at any time, except when the WM8955BL is in OFF mode, as this may cause
pop noise (see Minimising Pop Noise at the Analogue Outputs)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
LOUT1
0
0 = LOUT1 disabled
1 = LOUT1 enabled
5
ROUT1
0
0 = ROUT1 disabled
1 = ROUT1 enabled
4
LOUT2
0
0 = LOUT2 disabled
1 = LOUT2 enabled
3
ROUT2
0
0 = ROUT2 disabled
1 = ROUT2 enabled
2
MONO
0
0 = MONOOUT disabled
1 = MONOOUT enabled
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
0 = OUT3 disabled
1 = OUT3 enabled
Table 11 Analogue Output Control
Whenever an analogue output is disabled, it remains connected to VREF through an internal resistor.
This helps to prevent pop noise when the output is re-enabled. The resistance between VREF and
each output can be controlled using the VROI bit in register 27. The default is low (1.5k
Ω), so that any
capacitors on the outputs can charge up quickly at start-up. If a high impedance is desired for
disabled outputs, VROI can then be set to 1, increasing the resistance to about 40k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (3)
6
VROI
0
VREF to analogue output resistance
0: 1.5 k
Ω
1: 40 k
Ω
Table 12 Disabled Outputs to VREF Resistance
THERMAL SHUTDOWN
The earpiece and headphone outputs can drive very large currents. To protect the WM8955BL from
overheating, a thermal shutdown circuit is included. If the device temperature reaches approximately
150
0C and the thermal shutdown circuit is enabled (TSDEN = 1) then the output amplifiers (outputs
OUT1L/R, OUT2L/R & OUT3) will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 13 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com