Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
WM8955BL
Production Data
w
PD Rev 4.1 February 2007
20
LINE INPUTS AND OUTPUT MIXERS
The WM8955BL provides the option to mix the DAC output signal with analogue line-in signals from
the LINEINL, LINEINR and MONOIN+ and MONOIN- pins. The level of the mixed-in signals can be
controlled with PGAs (Programmable Gain Amplifiers).
LINEINL, LINEINR, MONOIN+ and MONOIN- are high impedance, low capacitance AC coupled
analogue inputs. They are biased internally to the reference voltage VREF. Whenever these inputs
are muted or the device placed into standby mode, the inputs remain biased to VREF using special
anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when re-activating
the inputs.
The mono mixer is designed to allow a number of signal combinations to be mixed, including the
possibility of mixing both the right and left channels together to produce a mono output. To prevent
overloading of the mixer when full-scale DAC left and right signals are input, the mixer inputs from the
DAC outputs each have a fixed gain of -6dB. The bypass path inputs to the mono mixer have variable
gain as determined by R38/R39 bits [6:4].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LD2LO
0
Left DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
LI2LO
0
LINEINL Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
R34 (22h)
Left Mixer (1)
6:4
LI2LOVOL
101
(-9dB)
LINEINL Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
8
RD2LO
0
Right DAC to Left Mixer
0 = Disable (Mute)
1 = Enable Path
7
MI2LO
0
MONOIN Signal to Left Mixer
0 = Disable (Mute)
1 = Enable Path
R35 (23h)
Left Mixer (2)
6:4
MI2LOVOL
101
(-9dB)
MONOIN Signal to Left Mixer Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 7 Left Output Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com