Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
29
MASTER CLOCK AND PHASE LOCKED LOOP
The WM8955BL has an on-chip phase-locked loop (PLL) circuit that can be used to:
•
generate a master clock for the WM8955BL audio function from another external clock,
e.g. in telecoms applications.
The PLL circuit is shown below.
DIGITAL
CORE
MCLK
f/2
PLL
MCLK
SEL
MCLK
DIV2
f/4
f/2
PLLOUT
DIV2
R = f
2 / f1
f
1
f
2
Figure 17 PLL Circuit
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Sample Rates
6
MCLKDIV2
0
MCLK Divide by 2
0: Divide disabled
1: Divide enabled
8
MCLKSEL
0
Select internal master clock
0: from MCLK pin
1: from PLL (make sure PLLEN=1)
5
PLLOUTDIV2
0
PLL Output Divide by 2
0: Divide disabled
1: Divide enabled
4
PLL_RB
0
0: PLL held in reset
1: PLL running (if PLLEN=1)
R43 (2Bh)
Clocking and
PLL
3
PLLEN
0
PLL Enable
0: PLL disabled; 1: PLL enabled.
Table 19 PLL and Clocking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com