Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955BLGECO/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8955BLGECO/RV
Description  Stereo DAC For Portable Audio Applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955BLGECO/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8955BLGECO/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955BLGECO/RV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Production Data
WM8955BL
w
PD Rev 4.1 February 2007
17
DIGITAL VOLUME CONTROL
The WM8955BL has on-chip digital attenuation from –127dB to 0dB in 0.5dB steps, allowing the user
to adjust the volume of each channel separately. The level of attenuation for an eight-bit code X is
given by:
-0.5
× (255 – X) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The LDVU and RDVU control bits control the loading of digital volume control data. When LDVU or
RDVU are set to 0, the LDACVOL or RDACVOL control data is loaded into an intermediate register,
but the actual gain does not change. Both left and right gain settings are updated simultaneously
when either LDVU or RDVU are set to 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LDACVOL[7:0]
11111111
( 0dB )
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
R10 (0Ah)
Left Channel
Digital Volume
8
LDVU
0
Left DAC Volume Update
0 = Store LDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LDACVOL, right =
intermediate latch)
7:0
RDACVOL[7:0]
11111111
( 0dB )
Right DAC Digital Volume Control
similar to LDACVOL
R11 (0Bh)
Right Channel
Digital Volume
8
RDVU
0
Right DAC Volume Update
0 = Store RDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = intermediate latch,
right = RDACVOL)
Table 3 Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com