Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
WM8974
Production Data
w
PD Rev 4.2 March 2007
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
MS
0
Sets the chip to be master over FRAME and
BCLK
0=BCLK and FRAME clock are inputs
1=BCLK and FRAME clock are outputs
generated by the WM8974 (MASTER)
4:2
BCLKDIV
000
Configures the BCLK and FRAME output
frequency, for use when the chip is master
over BCLK.
000=divide by 1 (BCLK=MCLK)
001=divide by 2 (BCLK=MCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or PLL
clock output (under control of CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
R6
Clock generation
control
8
CLKSEL
1
Controls the source of the clock for all internal
operation:
0=MCLK
1=PLL output
Table 48 Clock Control
Note that the setting MCLKDIV=000 and BCLKDIV=000 must not be used simultaneously.
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data
from the ADC audio interface is fed directly into the DAC data input.
COMPANDING
The WM8974 supports A-law and
µ-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DAC_COMP or ADC_COMP register bits respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com