Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
57
GENERAL PURPOSE INPUT/OUTPUT
The CSB/GPIO pin can be configured to perform a variety of useful tasks by setting the GPIOSEL
register bits. The GPIO is only available in 2 wire mode.
Note that SLOWCLKEN must be enabled when using the jack detect function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
GPIOSEL
000
CSB/GPIO pin function select:
000=CSB input
001= Jack insert detect
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=Reserved
111=Reserved
3
GPIOPOL
0
GPIO Polarity invert
0=Non inverted
1=Inverted
R8
GPIO
control
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
Table 55 CSB/GPIO Control
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire MPU interface. The MODE pin
determines the 2 or 3 wire mode as shown in Table 56.
The WM8974 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each
control register.
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 56 Control Interface Mode Selection
3-WIRE SERIAL CONTROL MODE
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDIN pin. A rising edge on
CSB/GPIO latches in a complete control word consisting of the last 16 bits.
Figure 32 3-Wire Serial Control Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com