Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
67
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7
MONOEN
0
MONOOUT enable
0 = disabled
1 = enabled
Analogue Outputs
6
SPKNEN
0
SPKOUTN enable
0 = disabled
1 = enabled
Analogue Outputs
5
SPKPEN
0
SPKOUTP enable
0 = disabled
1 = enabled
Analogue Outputs
4
0
Reserved
3
MONOMIXEN
0
Mono Mixer Enable
0 = disabled
1 = enabled
Analogue Outputs
2
SPKMIXEN
0
Speaker Mixer Enable
0 = disabled
1 = enabled
Analogue Outputs
1
0
Reserved
0
DACEN
0
DAC enable
0 = DAC disabled
1 = DAC enabled
Analogue Outputs
8
BCP
0
BCLK polarity
0=normal
1=inverted
Digital Audio
Interfaces
Frame clock polarity
0=normal
1=inverted
7
FRAMEP
0
DSP Mode control
1 = Reserved
0 = Configures the interface so that MSB is available on 2nd
BCLK rising edge after FRAME rising edge
Digital Audio
Interfaces
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits
Digital Audio
Interfaces
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I2S format
11= DSP/PCM mode
Digital Audio
Interfaces
2
DACLRSWAP
0
Controls whether DAC data appears in ‘right’ or ‘left’ phases of
FRAME clock:
0=DAC data appear in ‘left’ phase of FRAME
1=DAC data appears in ‘right’ phase of FRAME
Digital Audio
Interfaces
1
ADCLRSWAP
0
Controls whether ADC data appears in ‘right’ or ‘left’ phases of
FRAME clock:
0=ADC data appear in ‘left’ phase of FRAME
1=ADC data appears in ‘right’ phase of FRAME
Digital Audio
Interfaces
4 (04h)
0
0
Reserved
8:5
0000
Reserved
5 (05h)
4:3
DAC_COMP
00
DAC companding
00=off
01=reserved
10=µ-law
11=A-law
Digital Audio
Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com