Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
63
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode.
Under the control of ADCOSR and DACOSR the oversampling rate may be doubled. 64x
oversampling results in a slight decrease in noise performance compared to 128x but lowers the
power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
R14
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 59 ADC and DAC Oversampling Rate Selection
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance
of the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
startup time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power management
1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(detemines startup time):
00=off (open circuit)
01=75kΩ
10=300kΩ
11=2.5kΩ (for fastest startup)
Table 60 VMID Impedance Control
BIASEN
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power management
1
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Table 61 BIASEN Control
ESTIMATED SUPPLY CURRENTS
When either the DAC or ADC are enabled it is estimated that approximately 4mA will be drawn from
DCVDD when DCVDD=1.8V and fs=48kHz (This will be lower at lower sample rates). When the
PLL is enabled an additional 700 microamps will be drawn from DCVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com