Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
29
MINIMUM AND MAXIMUM GAIN
The ALCMIN and ALCMAX register bits set the minimum/maximum gain value that the PGA can be
set to whilst under the control of the ALC. This has no effect on the PGA when ALC is not enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:3
ALCMAX
111
Set Maximum Gain of PGA
R32
ALC Control 1
2:0
ALCMIN
000
Set minimum gain of PGA
Table 17 ALC Max/Min Gain
In normal mode, ALCMAX sets the maximum boost which can be applied to the signal. In limiter
mode, ALCMAX will normally have no effect (assuming the starting gain value is less than the
maximum gain specified by ALCMAX) because the maximum gain is set at the starting gain level.
ALCMIN sets the minimum gain value which can be applied to the signal.
Figure 13 ALC Min/Max Gain
ALCMAX
Maximum Gain (dB)
111
35.25
110
29.25
101
23.25
100
17.25
011
11.25
010
5.25
001
-0.75
000
-6.75
Table 18 ALC Max Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com