Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974GEFL/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8974GEFL/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
w
WM8974
Mono CODEC with Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, Rev 4.2 March 2007
Copyright
©2007 Wolfson Microelectronics plc
DESCRIPTION
The WM8974 is a low power, high quality mono CODEC
designed for portable applications such as Digital Still Camera
or Digital Voice Recorder.
The device integrates support for a differential or single ended
mic, and includes drivers for speakers or headphone, and
mono line output. External component requirements are
reduced as no separate microphone or headphone amplifiers
are required.
Advanced Sigma Delta Converters are used along with digital
decimation and interpolation filters to give high quality audio at
sample rates from 8 to 48ks/s. Additional digital filtering
options are available in the ADC path, to cater for application
filtering such as ‘wind noise reduction’, plus an advanced
mixed signal ALC function with noise gate is provided. The
digital audio interface supports A-law and
µ-law companding.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can
also be output if required elsewhere in the system.
The WM8974 operates at supply voltages from 2.5 to 3.6V,
although the digital supplies can operate at voltages down to
1.71V to save power. The speaker and mono outputs use a
separate supply of up to 5V which enables increased output
power if required. Different sections of the chip can also be
powered down under software control by way of the selectable
two or three wire control interface.
WM8974 is supplied in a very small 4x4mm QFN package,
offering high levels of functionality in minimum board area,
with high thermal performance.
FEATURES
•
Mono CODEC:
•
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
•
DAC SNR 98dB, THD -84dB (‘A’-weighted @ 8 – 48ks/s)
•
ADC SNR 94dB, THD -83dB (‘A’-weighted @ 8 – 48ks/s)
•
On-chip Headphone/Speaker Driver with ‘cap-less’ connect
-
40mW output power into 16
Ω / 3.3V SPKVDD
-
BTL speaker drive 0.9W into 8
Ω / 5V SPKVDD
•
Additional MONO Line output
•
Multiple analog or ‘Aux’ inputs, plus analog bypass path
•
Mic Preamps:
•
Differential or single end Microphone Interface
-
Programmable preamp gain
-
Psuedo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
OTHER FEATURES
•
5 band EQ (record or playback path)
•
Digital Playback Limiter
•
Programmable ADC High Pass Filter (wind noise reduction)
•
Programmable ADC Notch Filter
•
On-chip PLL
•
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
-
power consumption <10mA all-on 48ks/s mode
•
4x4x0.9mm 24 lead QFN package
APPLICATIONS
•
Digital Still Camera Audio Codec
•
Wireless VoIP and other communication device handsets /
headsets
•
Portable audio recorder
•
General Purpose low power audio CODEC


Similar Part No. - WM8974GEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8974GEFL/V WOLFSON-WM8974GEFL/V Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
More results

Similar Description - WM8974GEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8812 NUVOTON-NAU8812 Datasheet
2Mb / 110P
Mono Audio Codec with Speaker Driver
WAU8812 NUVOTON-WAU8812 Datasheet
702Kb / 15P
Mono Audio Codec with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com