Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD629ARZ-R7
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD629ARZ-R7 Datasheet HTML 1Page - Analog Devices AD629ARZ-R7 Datasheet HTML 2Page - Analog Devices AD629ARZ-R7 Datasheet HTML 3Page - Analog Devices AD629ARZ-R7 Datasheet HTML 4Page - Analog Devices AD629ARZ-R7 Datasheet HTML 5Page - Analog Devices AD629ARZ-R7 Datasheet HTML 6Page - Analog Devices AD629ARZ-R7 Datasheet HTML 7Page - Analog Devices AD629ARZ-R7 Datasheet HTML 8Page - Analog Devices AD629ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD629
Rev. B | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, unless otherwise noted.
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
10M
Figure 5. Common-Mode Rejection Ratio vs. Frequency
VOUT (V)
–20
–16
–8
–4
0
4
8
12
16
–12
20
RL = 10kΩ
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
2mV/DIV
4V/DIV
Figure 6. Typical Gain Error Normalized @ VOUT = 0 V and Output Voltage
Operating Range vs. Supply Voltage, RL = 10 kΩ (Curves Offset for Clarity)
VOUT (V)
–20
–16
–8
–4
0
4
8
12
16
–12
20
RL = 1kΩ
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
4V/DIV
Figure 7. Typical Gain Error Normalized @ VOUT = 0 V and Output Voltage
Operating Range vs. Supply Voltage, RL = 1 kΩ (Curves Offset for Clarity)
POWER SUPPLY VOLTAGE (±V)
400
360
320
280
240
200
160
120
80
40
0
02
6
10
4
8
12
14
18
16
20
TA = +25°C
TA = +85°C
TA = –40°C
Figure 8. Common-Mode Operating Range vs. Power Supply Voltage
VOUT (V)
–20
–16
–8
–4
0
4
8
12
16
–12
20
RL = 2kΩ
VS = ±18V
VS = ±15V
VS = ±12V
VS = ±10V
4V/DIV
Figure 9. Typical Gain Error Normalized @ VOUT = 0 V and Output Voltage
Operating Range vs. Supply Voltage, RL = 2 kΩ (Curves Offset for Clarity)
VOUT (V)
–20
–16
–8
–4
0
4
8
12
16
–12
20
VS = ±5V, RL = 2kΩ
VS = ±5V, RL = 1kΩ
VS = ±2.5V, RL = 1kΩ
1V/DIV
VS = ±5V, RL = 10kΩ
Figure 10. Typical Gain Error Normalized @ VOUT = 0 V and Output Voltage
Operating Range vs. Supply Voltage (Curves Offset for Clarity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com