Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629ARZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD629ARZ-R7
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629ARZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD629ARZ-R7 Datasheet HTML 3Page - Analog Devices AD629ARZ-R7 Datasheet HTML 4Page - Analog Devices AD629ARZ-R7 Datasheet HTML 5Page - Analog Devices AD629ARZ-R7 Datasheet HTML 6Page - Analog Devices AD629ARZ-R7 Datasheet HTML 7Page - Analog Devices AD629ARZ-R7 Datasheet HTML 8Page - Analog Devices AD629ARZ-R7 Datasheet HTML 9Page - Analog Devices AD629ARZ-R7 Datasheet HTML 10Page - Analog Devices AD629ARZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD629
Rev. B | Page 7 of 16
OUTPUT CURRENT (mA)
4.5
3.5
2.5
1.5
0.5
–2.0
–2.5
–3.0
–3.5
–4.0
02468
10
12
14
16
18
20
VS= ±5V
–40°C
+85°C
+85°C
–40°C
+25°C
+25°C
–40°C
+25°C
+85°C
+85°C
Figure 17. Output Voltage Operating Range vs. Output Current; VS = ±5 V
FREQUENCY (Hz)
120
110
100
90
80
70
60
50
40
30
0.1
10
1.0
100
1k
10k
–VS
+VS
Figure 18. Power Supply Rejection Ratio vs. Frequency
FREQUENCY (Hz)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.01
1.0
0.1
100
10
1k
100k
10k
Figure 19. Voltage Noise Spectral Density vs. Frequency
25mV/DIV
4µs/DIV
G = +1
RL = 2kΩ
CL = 1000pF
Figure 20. Small Signal Pulse Response
25mV/DIV
4µs/DIV
G = +1
RL = 2kΩ
CL = 1000pF
Figure 21. Small Signal Pulse Response
5V/DIV
5µs/DIV
G = +1
RL = 2kΩ
CL = 1000pF
Figure 22. Large Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com