Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD629ARZ-R7
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD629ARZ-R7 Datasheet HTML 5Page - Analog Devices AD629ARZ-R7 Datasheet HTML 6Page - Analog Devices AD629ARZ-R7 Datasheet HTML 7Page - Analog Devices AD629ARZ-R7 Datasheet HTML 8Page - Analog Devices AD629ARZ-R7 Datasheet HTML 9Page - Analog Devices AD629ARZ-R7 Datasheet HTML 10Page - Analog Devices AD629ARZ-R7 Datasheet HTML 11Page - Analog Devices AD629ARZ-R7 Datasheet HTML 12Page - Analog Devices AD629ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD629
Rev. B | Page 9 of 16
THEORY OF OPERATION
The AD629 is a unity gain, differential-to-single-ended
amplifier (diff amp) that can reject extremely high common-
mode signals (in excess of 270 V with 15 V supplies). It consists
of an operational amplifier (op amp) and a resistor network.
To achieve high common-mode voltage range, an internal
resistor divider (Pin 3 or Pin 5) attenuates the noninverting
signal by a factor of 20. Other internal resistors (Pin 1, Pin 2,
and the feedback resistor) restore the gain to provide a differential
gain of unity. The complete transfer function equals
VOUT = V (+IN) − V (−IN)
Laser wafer trimming provides resistor matching so that
common-mode signals are rejected while differential input
signals are amplified.
To reduce output drift, the op amp uses super beta transistors
in its input stage. The input offset current and its associated
temperature coefficient contribute no appreciable output
voltage offset or drift, which has the added benefit of reducing
voltage noise because the corner where 1/f noise becomes
dominant is below 5 Hz. To reduce the dependence of gain
accuracy on the op amp, the open-loop voltage gain of the op
amp exceeds 20 million, and the PSRR exceeds 140 dB.
1
2
3
4
8
7
6
5
21.1kΩ
380kΩ
380kΩ
380kΩ
20kΩ
REF(–)
–IN
+IN
–VS
NC
+VS
OUTPUT
REF(+)
AD629
NC = NO CONNECT
Figure 29. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com