Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD629ARZ-R7
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD629ARZ-R7 Datasheet HTML 7Page - Analog Devices AD629ARZ-R7 Datasheet HTML 8Page - Analog Devices AD629ARZ-R7 Datasheet HTML 9Page - Analog Devices AD629ARZ-R7 Datasheet HTML 10Page - Analog Devices AD629ARZ-R7 Datasheet HTML 11Page - Analog Devices AD629ARZ-R7 Datasheet HTML 12Page - Analog Devices AD629ARZ-R7 Datasheet HTML 13Page - Analog Devices AD629ARZ-R7 Datasheet HTML 14Page - Analog Devices AD629ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD629
Rev. B | Page 11 of 16
ANALOG POWER
SUPPLY
DIGITAL
POWER SUPPLY
0.1µF
0.1µF
0.1µF
0.1µF
+IN
–IN
–VS
VIN1
VIN2
VDD
VDD
OUTPUT
AGND
GND
MICROPROCESSOR
DGND
+VS
AD629
AD7892-2
REF(–) REF(+)
6
7
14
4
1
3
3
2
6
4
1
5
12
+5V
GND
+5V
GND
–5V
Figure 32. Optimal Grounding Practice for a Bipolar Supply Environment
with Separate Analog and Digital Supplies
POWER SUPPLY
VIN1
VIN2
VDD
AGND DGND
ADC
0.1µF
0.1µF
+IN
–IN
+VS
OUTPUT
–VS
AD629
REF(–) REF(+)
4
7
3
2
6
1
5
VDD
GND
MICROPROCESSOR
+5V
GND
0.1µF
Figure 33. Optimal Ground Practice in a Single-Supply Environment
If there is only a single power supply available, it must be shared
by both digital and analog circuitry. Figure 33 shows how to
minimize interference between the digital and analog circuitry.
In this example, the ADC’s reference is used to drive Pin REF(+)
and Pin REF(–). This means that the reference must be capable
of sourcing and sinking a current equal to VCM/200 kΩ. As in
the previous case, separate analog and digital ground planes
should be used (reasonably thick traces can be used as an
alternative to a digital ground plane). These ground planes
should connect at the power supply’s ground pin. Separate
traces (or power planes) should run from the power supply to
the supply pins of the digital and analog circuits. Ideally, each
device should have its own power supply trace, but these can be
shared by a number of devices, as long as a single trace is not
used to route current to both digital and analog circuitry.
USING A LARGE SENSE RESISTOR
Insertion of a large value shunt resistance across the input pins,
Pin 2 and Pin 3, will imbalance the input resistor network,
introducing a common-mode error. The magnitude of the error
will depend on the common-mode voltage and the magnitude
of RSHUNT.
Table 3 shows some sample error voltages generated by a
common-mode voltage of 200 V dc with shunt resistors from
20 Ω to 2000 Ω. Assuming that the shunt resistor is selected to
use the full ±10 V output swing of the AD629, the error voltage
becomes quite significant as RSHUNT increases.
Table 3. Error Resulting from Large Values of RSHUNT
(Uncompensated Circuit)
RS (Ω)
Error VOUT (V)
Error Indicated (mA)
20
0.01
0.5
1000
0.498
0.498
2000
1
0.5
To measure low current or current near zero in a high common-
mode environment, an external resistor equal to the shunt
resistor value can be added to the low impedance side of the
shunt resistor, as shown in Figure 34.
REF (–)
REF (+)
–VS
–VS
+VS
+VS
VOUT
NC
–IN
+IN
RSHUNT
RCOMP
ISHUNT
0.1µF
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
Figure 34. Compensating for Large Sense Resistors
OUTPUT FILTERING
A simple 2-pole, low-pass Butterworth filter can be implemented
using the OP177 after the AD629 to limit noise at the output, as
shown in Figure 35. Table 4 gives recommended component
values for various corner frequencies, along with the peak-to-
peak output noise for each case.
REF (–)
REF (+)
–VS
–VS
+VS
+VS
+VS
VOUT
NC
–IN
+IN
0.1µF
0.1µF
0.1µF
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
R1
R2
C1
C2
OP177
Figure 35. Filtering of Output Noise Using a 2-Pole Butterworth Filter
Table 4. Recommended Values for 2-Pole Butterworth Filter
Corner Frequency
R1
R2
C1
C2
Output Noise (p-p)
No Filter
3.2 mV
50 kHz
2.94 kΩ ± 1%
1.58 kΩ ± 1%
2.2 nF ± 10%
1 nF ± 10%
1 mV
5 kHz
2.94 kΩ ± 1%
1.58 kΩ ± 1%
22 nF ± 10%
10 nF ± 10%
0.32 mV
500 Hz
2.94 kΩ ± 1%
1.58 kΩ ± 1%
220 nF ± 10%
0.1 μF ± 10%
100 μV
50 Hz
2.7 kΩ ± 10%
1.5 kΩ ± 10%
2.2 μF ± 20%
1 μF ± 20%
32 μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com