Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD629ARZ-R7
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD629ARZ-R7 Datasheet HTML 2Page - Analog Devices AD629ARZ-R7 Datasheet HTML 3Page - Analog Devices AD629ARZ-R7 Datasheet HTML 4Page - Analog Devices AD629ARZ-R7 Datasheet HTML 5Page - Analog Devices AD629ARZ-R7 Datasheet HTML 6Page - Analog Devices AD629ARZ-R7 Datasheet HTML 7Page - Analog Devices AD629ARZ-R7 Datasheet HTML 8Page - Analog Devices AD629ARZ-R7 Datasheet HTML 9Page - Analog Devices AD629ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD629
Rev. B | Page 6 of 16
VOUT (V)
–10
–5
0
5
10
20µV/DIV
2.5V/DIV
VS = ±15V
RL = 10kΩ
Figure 11. Gain Nonlinearity; VS = ±15 V, RL = 10 kΩ
VOUT (V)
–10
–2
–4
–6
–8
024
68
10
20µV/DIV
2V/DIV
VS = ±12V
RL = 10kΩ
Figure 12. Gain Nonlinearity; VS = ±12 V, RL =10 kΩ
VOUT (V)
–3.0
–0.6
–1.2
–1.8
–2.4
0
0.6
1.2
1.8
2.4
3.0
40µV/DIV
0.6V/DIV
VS = ±5V
RL = 1kΩ
Figure 13. Gain Nonlinearity; VS = ±5 V, RL = 1 kΩ
VOUT (V)
–10
–2
–4
–6
–8
0
2468
10
40µV/DIV
2V/DIV
VS = ±15V
RL = 2kΩ
Figure 14. Gain Nonlinearity; VS = ±15 V, RL = 2kΩ
OUTPUT CURRENT (mA)
14.0
13.0
12.0
11.0
10.0
9.0
–11.5
–12.0
–12.5
–13.0
–13.5
02468
10
12
14
16
18
20
–40°C
–40°C
–40°C
+85°C
+85°C
+25°C
+25°C
VS= ±15V
Figure 15. Output Voltage Operating Range vs. Output Current; VS = ±15 V
OUTPUT CURRENT (mA)
11.5
10.5
9.5
8.5
7.5
6.5
–9.0
–9.5
–10.0
–10.5
–11.0
02468
10
12
14
16
18
20
VS= ±12V
–40°C
–40°C
+85°C
+25°C
–40°C
+85°C
+85°C
+25°C
Figure 16. Output Voltage Operating Range vs. Output Current; VS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com