Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8313 Datasheet HTML 5Page - Analog Devices AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8313
Rev. D | Page 9 of 24
FREQUENCY (MHz)
22
21
16
0
2500
500
1000
1500
2000
20
19
18
17
–40°C
+25°C
+85°C
Figure 10. VOUT Slope vs. Frequency for Multiple Temperatures
SUPPLY VOLTAGE (V)
24
2.5
23
22
21
20
19
18
17
16
15
14
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.9GHz
2.5GHz
900MHz
100MHz
SPECIFIED OPERATING RANGE
Figure 11. VOUT Slope vs. Supply Voltage
FREQUENCY (Hz)
100
1k
10k
100k
1M
REF LEVEL = 92dB
SCALE: 10dB/DIV
Figure 12. AC Response from VSET to VOUT
FREQUENCY (MHz)
–110
0
2500
500
1000
1500
2000
–70
–80
–90
–100
+85°C
–40°C
+25°C
Figure 13. VOUT Intercept vs. Frequency for Multiple Temperatures
SUPPLY VOLTAGE (V)
–70
2.5
–75
–80
–85
–90
–95
–100
–105
–110
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.9GHz
2.5GHz
900MHz
100MHz
SPECIFIED OPERATING RANGE
Figure 14. VOUT Intercept vs. Supply Voltage
FREQUENCY (Hz)
100
10
0.1
1
1k
10k
100k
1M
10M
2GHz RF INPUT
RF INPUT
–70dBm
–60dBm
–55dBm
–50dBm
–45dBm
–40dBm
–35dBm
–30dBm
Figure 15. VOUT Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com