Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices AD8313 Datasheet HTML 17Page - Analog Devices AD8313 Datasheet HTML 18Page - Analog Devices AD8313 Datasheet HTML 19Page - Analog Devices AD8313 Datasheet HTML 20Page - Analog Devices AD8313 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8313
Rev. D | Page 17 of 24
LMATCH
C2
C1
CIN
RIN
AD8313
50
Ω
50
Ω SOURCE
Figure 35. Narrow-Band Reactive Match
Typically, the AD8313 needs to be matched to 50 Ω. The input
impedance of the AD8313 at 100 MHz can be read from the
Smith chart (Figure 26) and corresponds to a resistive input
impedance of 900 Ω in parallel with a capacitance of 1.1 pF.
To make the matching process simpler, the AD8313 input cap-
acitance, CIN, can be temporarily removed from the calculation
by adding a virtual shunt inductor (L2), which resonates away
CIN (Figure 36). This inductor is factored back into the calculation
later. This allows the main calculation to be based on a simple
resistive-to-resistive match, that is, 50 Ω to 900 Ω.
The resonant frequency is defined by the equation
IN
C
L2
×
=
ω
1
therefore,
H
3
.
2
1
2
µ
=
ω
=
IN
C
L2
L1
C2
C1
CIN
CMATCH =
(C1
× C2)
(C1 + C2)
RIN
AD8313
50
Ω
50
Ω SOURCE
L2
TEMPORARY
INDUCTANCE
LMATCH =
(C1
× C2)
(C1 + C2)
Figure 36. Input Matching Example
With CIN and L2 temporarily out of the picture, the focus is now
on matching a 50 Ω source resistance to a (purely resistive) load
of 900 Ω and calculating values for CMATCH and L1. When
MATCH
IN
S
C
L1
R
R
=
the input looks purely resistive at a frequency given by
MHz
100
2
1
=
×
π
=
MATCH
0
C
L1
f
Solving for CMATCH gives
pF
5
.
7
2
1
1
0
=
π
×
=
f
R
R
C
IN
S
MATCH
Solving for L1 gives
nH
6
.
337
2 0
=
π
=
f
R
R
L1
IN
S
Because L1 and L2 are parallel, they can be combined to give the
final value for LMATCH, that is,
nH
294
=
+
×
=
L2
L1
L2
L1
L MATCH
C1 and C2 can be chosen in a number of ways. First, C2 can be
set to a large value, for example, 1000 pF, so that it appears as an
RF short. C1 would then be set equal to the calculated value of
CMATCH. Alternatively, C1 and C2 can each be set to twice CMATCH
so that the total series capacitance is equal to CMATCH. By making
C1 and C2 slightly unequal (that is, select C2 to be about 10%
less than C1) but keeping their series value the same, the ampli-
tude of the signals on INHI and INLO can be equalized so that
the AD8313 is driven in a more balanced manner. Any of the
options detailed above can be used provided that the combined
series value of C1 and C2, that is, C1 × C2/(C1 + C2) is equal to
CMATCH.
In all cases, the values of CMATCH and LMATCH must be chosen
from standard values. At this point, these values need now be
installed on the board and measured for performance at
100 MHz. Because of board and layout parasitics, the component
values from the preceding example had to be tuned to the final
values of CMATCH = 8.9 pF and LMATCH = 270 nH as shown in
Table 4.
Assuming a lossless matching network and noting conservation
of power, the impedance transformation from RS to RIN (50 Ω to
900 Ω) has an associated voltage gain given by
dB
6
.
12
log
20
dB
=
×
=
S
IN
R
R
Gain
Because the AD8313 input responds to voltage and not to true
power, the voltage gain of the matching network increases the
effective input low-end power sensitivity by this amount. Thus,
in this case, the dynamic range is shifted downward, that is, the
12.6 dB voltage gain shifts the 0 dBm to −65 dBm input range
downward to −12.6 dBm to −77.6 dBm. However, because of
network losses, this gain is not be fully realized in practice.
Refer to Figure 33 and Figure 34 for an example of practical
attainable voltage gains.
Table 4 shows recommended values for the inductor and cap-
acitors in Figure 35 for some selected RF frequencies in addition
to the associated theoretical voltage gain. These values for a
reactive match are optimal for the board layout detailed as
Figure 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com