Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8313
Rev. D | Page 12 of 24
With Pins 7 and 8 connected (log amp mode), the output can be
stated as
)
dBm
100
(
+
=
IN
SLOPE
OUT
P
V
V
where PIN is the input power stated in dBm when the source is
directly terminated in 50 Ω. However, the input impedance of
the AD8313 is much higher than 50 Ω, and the sensitivity of this
device may be increased by about 12 dB by using some type of
matching network (see below), which adds a voltage gain and
lowers the intercept by the same amount. Dependence on the ref-
erence impedance can be avoided by restating the expression as
)
V
2
.
2
/
(
log
20
µ
×
×
×
=
IN
SLOPE
OUT
V
V
V
where VIN is the rms value of a sinusoidal input appearing
across Pins 2 and 3; here, 2.2 µV corresponds to the intercept,
expressed in voltage terms. For detailed information on the
effect of signal waveform and metrics on the intercept
positioning for a log amp, refer to the AD8307 data sheet.
With Pins 7 and 8 disconnected (controller mode), the output
can be stated as
SET
IN
SLOPE
S
OUT
V
P
V
V
V
>
→
)
100
/
(
log
when
SET
IN
SLOPE
OUT
V
P
V
V
<
→
)
100
/
(
log
when
0
when the input is stated in terms of the power of a sinusoidal
signal across a net termination impedance of 50 Ω. The transition
zone between high and low states is very narrow since the output
stage behaves essentially as a fast integrator. The above equations
can be restated as
SET
IN
SLOPE
S
OUT
V
V
V
V
V
>
µ
→
)
V
2
.
2
/
(
log
when
SET
IN
SLOPE
OUT
V
V
V
V
<
µ
→
)
V
2
.
2
/
(
log
when
0
Another use of the separate VOUT and VSET pins is in raising
the load-driving current capability by including an external
NPN emitter follower. More complete information about usage
in these modes is provided in the Applications section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com