Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8313 Datasheet HTML 9Page - Analog Devices AD8313 Datasheet HTML 10Page - Analog Devices AD8313 Datasheet HTML 11Page - Analog Devices AD8313 Datasheet HTML 12Page - Analog Devices AD8313 Datasheet HTML 13Page - Analog Devices AD8313 Datasheet HTML 14Page - Analog Devices AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices AD8313 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8313
Rev. D | Page 13 of 24
INTERFACES
This section describes the signal and control interfaces and
their behavior. On-chip resistances and capacitances exhibit
variations of up to ±20%. These resistances are sometimes
temperature-dependent, and the capacitances may be voltage-
dependent.
POWER-DOWN INTERFACE, PWDN
The power-down threshold is accurately centered at the
midpoint of the supply as shown in Figure 24. If Pin 5 is left
unconnected or tied to the supply voltage (recommended), the
bias enable current is shut off, and the current drawn from the
supply is predominately through a nominal 300 kΩ chain
(20 µA at 3 V). When grounded, the bias system is turned on.
The threshold level is accurately at VPOS/2. When operating in
the device ON state, the input bias current at the PWDN pin is
approximately 5 µA for VPOS = 3 V.
5
PWDN
VPOS
75k
Ω
6
COMM
150k
Ω
50k
Ω
150k
Ω
TO BIAS
ENABLE
4
Figure 24. Power-Down Threshold Circuitry
SIGNAL INPUTS, INHI, INLO
The simplest low frequency ac model for this interface consists
of just a 900 Ω resistance, RIN, in shunt with a 1.1 pF input cap-
acitance, CIN, connected across INHI and INLO. Figure 25 shows
these distributed in the context of a more complete schematic.
The input bias voltage shown is for the enabled chip; when
disabled, it rises by a few hundred millivolts. If the input is
coupled via capacitors, this change may cause a low level signal
transient to be introduced, having a time constant formed by
these capacitors and RIN. For this reason, large coupling capacitors
should be well matched. This is not necessary when using the
small capacitors found in many impedance transforming
networks used at high frequencies.
1.25k
Ω
COMM
VPOS
INHI
INLO
VPOS
0.5pF
0.5pF
0.7pF
2.5k
Ω
2.5k
Ω
~0.75V
(1ST DETECTOR)
250
Ω
~1.4mA
125
Ω
125
Ω
1.25k
Ω
1.24V
GAIN BIAS
TO 2ND
STAGE
TO STAGES
1 TO 4
1
2
3
4
Figure 25. Input Interface Simplified Schematic
For high frequency use, Figure 26 shows the input impedance
plotted on a Smith chart. This measured result of a typical
device includes a 191 mil 50 Ω trace and a 680 pF capacitor to
ground from the INLO pin.
1.1pF
900
Ω
1.9GHz
Frequency
100MHz
900MHz
1.9GHz
2.5GHz
R
650
55
22
23
+jX
–j 400
–j 135
–j 65
–j 43
2.5GHz
900MHz
100MHz
AD8313 MEASURED
Figure 26. Typical Input Impedance
LOGARITHMIC/ERROR OUTPUT, VOUT
The rail-to-rail output interface is shown in Figure 27. VOUT can
run from within about 50 mV of ground, to within about 100 mV
of the supply voltage, and is short-circuit safe to either supply.
However, the sourcing load current, ISOURCE, is limited to that
which is provided by the PNP transistor, typically 400 µA.
Larger load currents can be provided by adding an external NPN
transistor (see the Applications section). The dc open-loop gain
of this amplifier is high, and it may be regarded as an integrator
having a capacitance of 2 pF (CINT) driven by the current-mode
signal generated by the summed outputs of the nine detector
stages, which is scaled approximately 4.0 µA/dB.
COMM
gm STAGE
CINT
LP
LM
10mA
MAX
VOUT
CL
BIAS
ISOURCE
400
µA
VPOS
FROM
SETPOINT
SUMMED
DETECTOR
OUTPUTS
6
8
1
Figure 27. Output Interface Circuitry
Thus, for midscale RF input of about 3 mV, which is some 40 dB
above the minimum detector output, this current is 160 µA, and
the output changes by 8 V/µs. When VOUT is connected to VSET,
the rise and fall times are approximately 40 ns (for RL ≥ 10 kΩ ).
The nominal slew rate is 2.5 V/µs. The HF compensation tech-
nique results in stable operation with a large capacitive load, CL,
though the positive-going slew rate is then limited by ISOURCE/CL
to 1 V/µs for CL = 400 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com