Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 2 Page - Analog Devices

  AD8313 Datasheet HTML 1Page - Analog Devices AD8313 Datasheet HTML 2Page - Analog Devices AD8313 Datasheet HTML 3Page - Analog Devices AD8313 Datasheet HTML 4Page - Analog Devices AD8313 Datasheet HTML 5Page - Analog Devices AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8313
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Description............................. 7
Typical Performance Characteristics ............................................. 8
Circuit Description......................................................................... 11
Interfaces.......................................................................................... 13
Power-Down Interface, PWDN................................................ 13
Signal Inputs, INHI, INLO ........................................................ 13
Logarithmic/Error Output, VOUT .......................................... 13
Setpoint Interface, VSET............................................................ 14
Applications..................................................................................... 15
Basic Connections for Log (RSSI) Mode................................. 15
Operating in Controller Mode ................................................. 15
Input Coupling ........................................................................... 16
Narrow-Band LC Matching Example at 100 MHz ................ 16
Adjusting the Log Slope............................................................. 18
Increasing Output Current........................................................ 19
Effect of Waveform Type on Intercept..................................... 19
Evaluation Board ............................................................................ 20
Schematic and Layout................................................................ 20
General Operation ..................................................................... 20
Using the AD8009 Operational Amplifier .............................. 20
Varying the Logarithmic Slope................................................. 20
Operating in Controller Mode ................................................. 20
RF Burst Response ..................................................................... 20
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
6/04—Data Sheet Changed from Rev. C to Rev. D
Updated Evaluation Board Section .............................................. 21
2/03—Data Sheet changed from Rev. B to Rev. C
TPCs and Figures Renumbered........................................Universal
Edits to SPECIFICATIONS............................................................. 2
Updated ESD CAUTION ................................................................ 4
Updated OUTLINE DIMENSIONS .............................................. 7
8/99—Data Sheet changed from Rev. A to Rev. B
5/99—Data Sheet changed from Rev. 0 to Rev. A
8/98—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com