Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8313 Datasheet HTML 15Page - Analog Devices AD8313 Datasheet HTML 16Page - Analog Devices AD8313 Datasheet HTML 17Page - Analog Devices AD8313 Datasheet HTML 18Page - Analog Devices AD8313 Datasheet HTML 19Page - Analog Devices AD8313 Datasheet HTML 20Page - Analog Devices AD8313 Datasheet HTML 21Page - Analog Devices AD8313 Datasheet HTML 22Page - Analog Devices AD8313 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8313
Rev. D | Page 19 of 24
INCREASING OUTPUT CURRENT
To drive a more substantial load, either a pull-up resistor or an
emitter-follower can be used.
In Figure 40, a 1 kΩ pull-up resistor is added at the output,
which provides the load current necessary to drive a 1 kΩ load
to 1.7 V for VS = 2.7 V. The pull-up resistor slightly lowers the
intercept and the slope. As a result, the transfer function of the
AD8313 is shifted upward (intercept shifts downward).
0.1
µF
R1
10
Ω
R3
10
Ω
0.1
µF
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
1k
Ω
RL = 1kΩ
+VS
20mV/dB
Figure 40. Increasing AD8313 Output Current Capability
In Figure 41, an emitter-follower provides the current gain,
when a 100 Ω load can readily be driven to full-scale output.
While a high ß transistor such as the BC848BLT1 (min ß = 200)
is recommended, a 2 kΩ pull-up resistor between VOUT and
+VS can provide additional base current to the transistor.
β
MIN = 200
0.1
µF
R1
10
Ω
R3
10
Ω
0.1
µF
+VS
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
RL
100
Ω
OUTPUT
13k
Ω
10k
Ω
BC848BLT1
Figure 41. Output Current Drive Boost Connection
In addition to providing current gain, the resistor/potentiometer
combination between VSET and the emitter of the transistor
increases the log slope to as much as 45 mV/dB, at maximum
resistance. This gives an output voltage of 4 V for a 0 dBm input.
If no increase in the log slope is required, VSET can be connected
directly to the emitter of the transistor.
EFFECT OF WAVEFORM TYPE ON INTERCEPT
Although specified for input levels in dBm (dB relative to
1 mW), the AD8313 responds to voltage and not to power. A
direct consequence of this characteristic is that input signals of
equal rms power but differing crest factors produce different
results at the log amp’s output.
Different signal waveforms vary the effective value of the log
amp’s intercept upward or downward. Graphically, this looks
like a vertical shift in the log amp’s transfer function. The
device’s logarithmic slope, however, is in principle not affected.
For example, if the AD8313 is being fed alternately from a
continuous wave and from a single CDMA channel of the same
rms power, the AD8313 output voltage differs by the equivalent
of 3.55 dB (64 mV) over the complete dynamic range of the
device (the output for a CDMA input being lower).
Table 6 shows the correction factors that should be applied to
measure the rms signal strength of a various signal types. A
continuous wave input is used as a reference. To measure the
rms power of a square wave, for example, the mV equivalent of
the dB value given in the table (18 mV/dB × 3.01 dB) should be
subtracted from the output voltage of the AD8313.
Table 6. Shift in AD8313 Output for Signals with
Differing Crest Factors
Signal Type
Correction Factor
(Add to Output Reading)
CW Sine Wave
0 dB
Square Wave or DC
−3.01 dB
Triangular Wave
+0.9 dB
GSM Channel (All Time Slots On)
+0.55 dB
CDMA Channel
+3.55 dB
PDC Channel (All Time Slots On)
+0.58 dB
Gaussian Noise
+2.51 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com