Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD8330
Rev. C | Page 20 of 32
)
The gain calibration is specified for an open-circuited load,
such as the high input resistance of an ADC. When resistively
loaded, all gain values are nominally lowered as follows:
(
L
L
UNLOADED
LOADED
R
R
G
G
+
Ω
=
150
(13)
Thus, when RL = 150 Ω, the gain is reduced by 6 dB; for
RL = 75 Ω, the reduction is 9.5 dB; and for RL = 50 Ω, it is 12 dB.
Gain Errors Due to On-Chip Resistor Tolerances
In all cases where external resistors are used, keep in mind that
all on-chip resistances, including the RO and the input resistance
(RI), are subject to variances of up to ±20%.
These variances need to be accounted for when calculating the
gain with input and output loading. This sensitivity can be avoided
by adjusting the source and load resistances to bear an inverse
relationship as follows:
If RS = αRI, then make RL = RO/α; or,
if RL = αRO, then make RS = RI/α
The simplest case is when RS = 1 kΩ and RL = 150 Ω, therefore,
the gain is 12 dB lower than the basic value. The reduction of
peak swing at the load can be corrected by using VMAG = 1 V,
thereby restoring 6 dB of gain; using VMAG = 2 V restores the full
basic gain and doubles the peak available output swing.
Output (Input) Common-Mode Control
The output voltages are nominally positioned at the midpoint of
the supply, VS/2, over the range 2.7 V < VS < 6 V, and this voltage
appears at Pin CNTR, which is not normally expected to be
loaded (the source resistance is ~4 kΩ). However, some circum-
stances require a small change in this voltage, and a resistor
from CNTR to ground can lower this voltage, whereas a resistor
to the supply raises it. On the other hand, this pin can be driven
by an external voltage source to set the common-mode level to
satisfy, for example, the needs of a following ADC. Any value
from 0.5 V above ground to 0.5 V below the supply is permissible.
Of course, when using an extreme common-mode level, the
available output swing is limited, and it is recommended that
a value equal or close to the default of VCNTR = VS/2 be used.
There may be a few millivolts of offset between the applied
voltage and the actual common-mode level at the output pins.
The input common-mode voltage, VCMI, at Pin INHI and
Pin INLO is slaved to the output, but with a shifted value of
VCMI = 0.757 VCNTR + 1.12 V
(14)
for VDBS = 0.75 and T = 25°C. Thus, the default value for VCMI
when VS = 5 V is 3.01 V (see Figure 55).
USING THE AD8330
This section describes a few general aspects of using the
AD8330. Applying the AD8330 to a wide variety of circum-
stances requires very few precautions.
As in all high frequency circuits, careful observation of the
ground nodes associated with each function is important. Three
positive supply pins are provided: VPSI supports the input cir-
cuitry that often operates at a relatively high sensitivity; VPOS
supports general bias sources and needs no decoupling; and
VPSO biases the output stage where decoupling can be useful in
maintaining a glitch-free output. Figure 57 shows the general
case, where VPSI and VPSO are each provided with their own
decoupling network, but this is not needed in all cases.
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
R
T
N
C
L
B
N
EVPOS
BIAS AND
V-REF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
OUTPUT,
±2V MAX
NC
BASIC GAIN BIAS
VDBS: 0V TO 1.5V
CD2
F
P
H
C
1
D
R
CD1
CD3
RD2
GROUND
VS 2.7V TO 6V
INPUT,
0V TO ±2V MAX
NC
Figure 57. Power Supply Decoupling and Basic Connections
Because of the differential nature of the signal path, power
supply decoupling is, in general, much less critical than in a
single-sided amplifier; and where the minimization of board-
level components is especially crucial, it is possible that these
pins need no decoupling at all. On the other hand, when the
signal source is single-sided, giving extra attention to the
decoupling on Pin VPSI is sometimes required. Likewise,
care is required in decoupling the VPSO pin if the output is
loaded on only one of its two output pins. The general common
(COMM) and the output stage common (CMOP) are usually
grounded as shown in the Figure 57; however, the Applications
section shows how a negative supply can optionally be used.
The AD8330 is enabled by taking the ENBL pin to a logical high
(or, in all cases, the supply). The UP gain mode is enabled either
by leaving the MODE pin unconnected or taking it to a logical
high. When the opposite gain direction is needed, the MODE
pin should be grounded or driven to a logical low. The low-pass
corner of the offset loop is determined by Capacitor CHPF; this
is preferably tied to the CNTR pin, that in turn, should be
decoupled to ground. The gain interface common pin (CMGN)
is grounded, and the output magnitude control pin (VMAG) is
left unconnected, or can optionally be connected to a 500 mV
source for basic gain calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com