Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD8330
Rev. C | Page 23 of 32
1.2
0
5ns
10ns
15ns
25ns
20ns
1.0
0.8
0.6
0.4
0.2
0
–0.2
0.2
–0.4
–0.6
–0.8
–1.0
–1.2
0
–0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
Figure 62. Typical Pulse Response for Figure 61
Figure 62 shows typical results for VDBS = 0.24 V, a square wave
input amplitude of 450 mV (the actual combination is not
important), a rise time of 2 ns, and VMAG raised to 2.0 V. In the
upper waveforms, the load capacitors are both zero, and a small
amount of overshoot is visible; with 40 pF the response is cleaner.
A shunt capacitance of 20 pF from OPHI to OPLO has a similar
effect. Coupling capacitors for this demonstration are suffi-
ciently large to prevent any visible droop over this time scale.
The outputs at the load side eventually assume a mean value of
zero, with negative and positive excursions depending on the
duty cycle.
The bandwidth from Pin VMAG to these outputs is somewhat
higher than from the normal input pins. Thus, when this pin is
used to rapidly modulate the primary signal, some further
experimentation with response optimization may be required.
In general, the AD8330 is very tolerant of a wide range of
loading conditions.
Preserving Absolute Gain
Although the AD8330 is not laser trimmed, its absolute gain
calibration, based mainly on ratios, is very good. Full details are
found in the Specifications section and in the typical performance
curves (see the Typical Performance Characteristics section).
Nevertheless, having finite input and output impedances, the
gain is necessarily dependent on the source and load conditions.
The loss that is incurred when either of these is finite causes an
error in the absolute gain. The absolute gain can also be
uncertain due to the approximately ±20% tolerance in the
absolute value of the input and output impedances.
Often, such losses and uncertainties can be tolerated and
accommodated by a correction to the gain control bias. On the
other hand, the error in the loss can be essentially nulled by
using appropriate modifications to either the source impedance
(RS) or the load impedance (RL), or both (in some cases by
padding them with series or shunt components).
The formulation for this correction technique was previously
described. However, to simplify its use, Table 5 shows spot
values for combinations of RS and RL resulting in an overall loss
that is not dependent on sample-to-sample variations in on chip
resistances. Furthermore, this fixed and predictable loss can be
corrected by an adjustment to VMAG , as indicated in Table 5.
Table 5. Preserving Absolute Gain
Uncorrected Loss
RS (Ω)
RL (Ω)
Factor
dB
VMAG Required to
Correct Loss
10
15 k
0.980
0.17
0.510
15
10 k
0.971
0.26
0.515
20
7.5 k
0.961
0.34
0.520
30
5.0 k
0.943
0.51
0.530
50
3.0 k
0.907
0.85
0.551
75
2.0 k
0.865
1.26
0.578
100
1.5 k
0.826
1.66
0.605
150
1.0 k
0.756
2.43
0.661
200
750
0.694
3.17
0.720
300
500
0.592
4.56
0.845
500
300
0.444
7.04
1.125
750
200
0.327
9.72
1.531
1 k
150
0.250
12.0
2.000
1.5 k
100
0.160
15.9
3.125
2 k
75
0.111
19.1
4.500
Calculation of Noise Figure
The AD8330 noise is a consequence of its intrinsic voltage noise
spectral density (ENSD) and the current noise spectral density
(INSD). Their combined effect generates a net input noise,
VNOISE_IN, that is a function of the input resistance of the device
(RI), nominally 1 kΩ, and the differential source resistance (RS)
as follows:
(
{
)
}
2
2
2
_
+
+
=
S
I
NSD
NSD
IN
NOISE
R
R
I
E
V
(16)
Note that we assume purely resistive source and input impedances
as a concession to simplicity. A more thorough treatment of
noise mechanisms, for the case where the source is reactive, is
beyond the scope of these brief notes. Also note that VNOISE_IN is
the voltage noise spectral density appearing across INHI and
INLO, the differential input pins. In preparing for the
calculation of the noise figure, VSIG is defined as the open-
circuit signal voltage across the source, and VIN is defined as the
differential input to the AD8330. The relationship is simply
(
)
S
I
I
SIG
IN
R
R
R
V
V
+
=
(17)
At maximum gain, ENSD is 4.1 nV/√Hz, and INSD is 3 pA/√Hz.
Thus, the short-circuit voltage noise is
(
) () (
)
{
}=
+
Ω
+
=
2
2
2
_
0
k
1
Hz
/
pA
3
Hz
/
V
n
1
.
4
IN
NOISE
V
5.08 nV/√Hz
(18)
Next, examine the net noise when RS = RI = 1 kΩ, often
incorrectly called the matching condition, rather than source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com