Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8330ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Low Cost DC to 150 MHz
Variable Gain Amplifier
AD8330
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Fully differential signal path and also used
with single-sided signals
Inputs from 0.3 mV to 1 V rms, rail-to-rail outputs
Differential RIN = 1 kΩ; ROUT (each output) 75 Ω
Automatic offset compensation (optional)
Linear-in-dB and linear-in-magnitude gain modes
0 dB to 50 dB, for 0 V < VDBS < 1.5 V (30 mV/dB)
Inverted gain mode: 50 dB to 0 dB at −30 mV/dB
×0.03 to ×10 nominal gain for 15 mV < VMAG < 5 V
Constant bandwidth: 150 MHz at all gains
Low noise: 5 nV/√Hz typical at maximum gain
Low distortion: ≤−62 dBc typical
Low power: 20 mA typical at VS of 2.7 V to 6 V
Available in a space-saving, 3 mm × 3 mm LFCSP package
APPLICATIONS
Pre-ADC signal conditioning
75 Ω cable driving adjust
AGC amplifiers
GENERAL DESCRIPTION
The AD83301 is a wideband variable gain amplifier for applications
requiring a fully differential signal path, low noise, well-defined
gain, and moderately low distortion, from dc to 150 MHz. The
input pins can also be driven from a single-ended source. The
peak differential input is ±2 V, allowing sine wave operation at
1 V rms with generous headroom. The output pins can drive
single-sided loads essentially rail-to-rail. The differential output
resistance is 150 Ω. The output swing is a linear function of the
voltage applied to the VMAG pin that internally defaults to 0.5 V
providing a peak output of ±2 V. This can be raised to 10 V p-p,
limited by the supply voltage.
The basic gain function is linear-in-dB, controlled by the voltage
applied to Pin VDBS. The gain ranges from 0 dB to 50 dB for
control voltages between 0 V and 1.5 V—a slope of 30 mV dB.
The gain linearity is typically within ±0.1 dB. By changing the
logic level on Pin MODE, the gain decreases over the same range,
with an opposite slope. A second gain control port is provided at
the VMAG pin and allows the user to vary the numeric gain from
a factor of 0.03 to 10. All the parameters of the AD8330 have low
sensitivities to temperature and supply voltages.
1 Protected by U.S. Patent No. 5,969,657; other patents pending.
FUNCTIONAL BLOCK DIAGRAM
VDBS
VMAG
COMM
15
CMGN
14
13
ENBL
VPSO
CNTR
VPOS
OFST
OPHI
VPSI
INHI
INLO
MODE
CMOP
OPLO
BIAS AND VREF
VGA CORE
OUTPUT
CONTROL
GAIN INTERFACE
OUTPUT
STAGES
8
7
6
5
4
10
11
12
16
3
2
1
9
CM AND
OFFSET
CONTROL
Figure 1.
Using VMAG, the basic 0 dB to 50 dB range can be repositioned
to any value from 20 dB higher (that is, 20 dB to 70 dB) to at least
30 dB lower (that is, –30 dB to +20 dB) to suit the application,
thereby providing an unprecedented gain range of over 100 dB.
A unique aspect of the AD8330 is that its bandwidth and pulse
response are essentially constant for all gains, over both the basic
50 dB linear-in-dB range, but also when using the linear-in-
magnitude function. The exceptional stability of the HF response
over the gain range is of particular value in those VGA applications
where it is essential to maintain accurate gain law-conformance at
high frequencies.
An external capacitor at Pin OFST sets the high-pass corner of
an offset reduction loop, whose frequency can be as low as 5 Hz.
When this pin is grounded, the signal path becomes dc-coupled.
When used to drive an ADC, an external common-mode control
voltage at Pin CNTR can be driven to within 0.5 V of either ground
or VS to accommodate a wide variety of requirements. By default,
the two outputs are positioned at the midpoint of the supply, VS/2.
Other features, such as two levels of power-down (fully off and a
hibernate mode), further extend the practical value of this excep-
tionally versatile VGA.
The AD8330 is available in 16-lead LFCSP and 16-lead QSOP
packages and is specified for operation from −40°C to +85°C.


Similar Part No. - AD8330ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330ACPZ-R7 AD-AD8330ACPZ-R7 Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330ACPZ-R7 AD-AD8330ACPZ-R7 Datasheet
1Mb / 32P
Variable Gain Amplifier
5/2016-Rev. G to Rev. H
More results

Similar Description - AD8330ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD8330 AD-AD8330 Datasheet
681Kb / 28P
Low Cost DC-150 MHz Variable Gain Amplifier
4/03-Data Sheet changed from REV. 0 to REV. A.
AD8335 AD-AD8335 Datasheet
708Kb / 24P
Quad Low Noise, Low Cost Variable Gain Amplifier
9/04-Revision 0
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD8330 AD-AD8330_08 Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8338 AD-AD8338 Datasheet
406Kb / 16P
Low Power, 18 MHz Variable Gain Amplifier
REV. 0
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com