Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8330
Rev. C | Page 24 of 32
impedance termination, which is the actual situation in this
case. Repeating the procedure
() () ()2
Ω
k
1
+
Ω
k
1
2
Hz
/
pA
3
+
2
Hz
/
V
n
1
.
4
=
_ IN
NOISE
V
= 7.3 nV/√Hz
(19)
The noise figure is the decibel representation of the noise factor,
NFAC, commonly defined as follows:
output
at
SNR
input
at
SNR
N
FAC =
(20)
However, this is equivalent to
pins
input
the
at
SNR
source
the
at
SNR
=
N
FAC
(21)
Let VNSD be the voltage noise spectral density √kTRS due to the
source resistance. Using Equation 17, gives
(
)
{
}
()
{}
NSD
S
IN
NOISE
I
S
I
S
IN
NOISE
IN
NSD
S
I
I
SIG
FAC
V
R
V
R
R
R
R
V
V
V
R
R
R
V
N
_
_
/
/
/
/
=
+
+
=
(22)
Then, using the result from Equation 19 for a source resistance
of 1 kΩ, having a noise-spectral density of 4.08 nV/√Hz,
produces
()
(
)
()
()
79
.
1
=
Hz
/
nV
08
.
4
Ω
1
Hz
/
nV
3
.
7
Ω
1
=
k
k
N
FAC
(23)
Finally, converting this to decibels using
NFIG = 10 log10(NFAC)
(24)
Thus, the resultant noise figure in this example is 5.06 dB,
which is somewhat lower than the value shown in Figure 53 for
this operating condition.
Noise as a Function of VDBS
The chief consequence of lowering the basic gain using VDBS is
that the current noise spectral density INSD increases with the
square root of the basic gain magnitude, GBN such that
INSD = (3 pA/√Hz)(√GBN)
(25)
Therefore, at the minimum basic gain of ×0, INSD rises to
53.3 pA/√Hz. However, the noise figure rises to 17.2 db if it
is recalculated using the procedures in Equation16 through
Equation 24.
Distortion Considerations
Continuously variable gain amplifiers invariably employ
nonlinear circuit elements; consequently, it is common for their
distortion to be higher than well-designed fixed gain amplifiers.
The translinear multiplier principles used in the AD8330, in
theory, yield extremely low distortion, a result of the funda-
mental linearization technique that is an inherent aspect of
these circuits.
In practice, however, the effect of device mismatches and
junction resistances in the core cell, and other mechanisms in
its supporting circuitry inevitably cause distortion, further
aggravated by other effects in the later output stages. Some of
these effects are very consistent from one sample to the next,
while those due to mismatches (causing predominantly even-
order distortion components) are quite variable. Where the
highest linearity (and also lowest noise) is demanded, consider
using one of the X-AMP products such as the AD603 (single-
channel), AD604 (dual-channel), or AD8332 (wideband dual-
channel with ultralow noise LNAs).
P1 dB and V1 dB
In addition to the nonlinearities that arise within the core of the
AD8330, at moderate output levels, another metric that is more
commonly stated for RF components that deliver appreciable
power to a load is the 1 dB compression point. This is defined
in a very specific manner: it is that point at which, with increasing
output level, the power delivered to the load eventually falls to a
value that is 1 dB lower than it would be for a perfectly linear
system. (Although this metric is sometimes called the 1 dB gain
compression point, it is important to note that this is not the
output level at which the incremental gain has fallen by 1 dB).
As was shown in Figure 49, the output of the AD8330 limits
quite abruptly, and the gain drops sharply above the clipping
level. The output power, on the other hand, using an external
resistive load, RL, continues to increase. In the most extreme
case, the waveform changes from the sinusoidal form of the test
signal, with an amplitude just below the clipping level, VCLIP, to
a squarewave of precisely the same amplitude. The change in
power over this range is from (VCLIP/√2)2/RL to (VCLIP)2/RL, that
is, a factor of 2, or 3 dB in power terms. It can be shown that for
an ideal limiting amplifier, the 1 dB compression point occurs
for an overdrive factor of 2 dB.
For example, if the AD8330 is driving a 150 Ω load and VMAG
has been set to 2 V, the peak output is nominally ±4 V (as
noted above, the actual value when loaded can differ because
of a mismatch between on chip and external resistors), or
2.83 V rms for a sine wave output that corresponds to a power
of 53.3 mW, that is, 17.3 dBm in 150 Ω. Thus, the P1dB level, at
2 dB above clipping, is 19.3 dBm.
Though not involving power transfer, it is sometimes useful to
state the V1dB, which is the output voltage (unloaded or
loaded) that is 2 dB above clipping for a sine waveform. In the
above example, this voltage is still 2.83 V rms that can be
expressed as 9.04 dBV (0 dBV corresponds to a 1 V sine wave).
Thus, the V1dB is at 11.04 dBV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com