Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD8330
Rev. C | Page 27 of 32
OFST
ENBL
CNTR
VPOS
O
S
P
V
1
S
P
V
I
H
P
O
I
H
N
I
O
L
P
O
O
L
N
I
P
O
M
C
E
D
O
M
VMAG
COMM
CMGN
VDBS
AD8330
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
1
2
3
4
5
6
7
8
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
16
15
14
13
12
11
10
9
AD8362
10µF
VOUT
6.04kΩ
4.02kΩ
CFLT
18nF
3.6V
3.6V
10µF
3.3Ω
3.3Ω
5V
3.3Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INPUT
Figure 67. Wide Range True RMS Voltmeter (Preliminary)
TIME (ms)
4
08
.
4
4
.
0
0
3
2
1
0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4
Figure 68. Time Domain Response of RMS Voltmeter (Simulation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com