Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8330ACPZ-R7
Description  Low Cost DC to 150 MHz Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8330ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8330ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD8330
Rev. C | Page 22 of 32
FREQUENCY (Hz)
90
50k
–10
10
30
50
70
M
0
0
1
M
1
k
0
0
1
80
0
20
40
60
10M
OFST: ENABLED
DISABLED
VDBS = 1.5V
VDBS = 0.75V
VDBS = 0V
Figure 59. Input CMRR vs. Frequency for Various Values of VDBS
Using Single-Sided Sources and Loads
Where the source provides a single-sided output, either INHI or
INLO can be used for the input, with of course a polarity change
when using INLO. The unused pin must be connected either
through a capacitor to ground, or a dc bias point that corresponds
closely to the dc level on the active signal pin. The input CMRR
over the full frequency range is illustrated in Figure 59. In some
cases, an additional element such as a SAW filter (having a
single-sided balanced configuration) or a flux-coupled trans-
former can be interposed. Where this element must be terminated
in the correct impedance, other than 1 kΩ, it is necessary to add
either shunt or series resistors at this interface.
FREQUENCY (Hz)
30
1M
–600
–20
–30
–10
0
10
20
–400
–300
–200
–100
0
LINE 1
LINE 3
LINE 4
LINE 2
LINE 4
LINE 1
LINE 3
LINE 2
10M
100M
500M
–500
Figure 60. AC Gain and Phase for Various Loading Conditions
When driving a single-sided load, either OPHI or OPLO can be
used. These outputs are very symmetric, so the only effect of
this choice is to select the desired polarity. However, when the
frequency range of interest extends to the upper limits of the
AD8330, a dummy resistor of the same value should be attached
to the unused output. Figure 60 illustrates the ac gain and phase
response for various loads and VDBS = 0.75 V. Line 1 shows the
unloaded (CL = 12 pF) case for reference; the gain is 6 dB lower
(20 dB) using only the single-sided output. Adding a 75 Ω load
from OPHI to an ac ground results in Line 2. The gain becomes
a factor of ×1.5 V or 3.54 dB lower, but artifacts of the output
common-mode control loop appear in both the magnitude and
phase response.
Adding a dummy 75 Ω to OPLO results in Line 3: the gain is a
further 2.5 dB lower, at about 14 dB. The CM artifacts are no
longer present but a small amount of peaking occurs. If objec-
tionable, this can be eliminated by raising both of the capacitors
on the output pins to 25 pF, as shown in Line 4 of Figure 60.
The gain reduction incurred both by using only one output and
by the additional effect of loading can be overcome by taking
advantage of the VMAG feature, provided primarily for just such
circumstances. Thus, to restore the basic gain in the first case
(Line 1), a 1 V source should be applied to this pin; to restore the
gain in the second case, this voltage should be raised by a factor
of ×1.5 to 1.5 V. In Case 3 and Case 4, a further factor of ×1.33
is needed to make up the 2.5 dB loss, that is, VMAG should be
raised to 2 V. With the restoration of gain, the peak output
swing at the load is, likewise restored to ±2 V.
Pulse Operation
When using the AD8330 in applications where its transient
response is of greater interest and the outputs are conveyed to
their loads via coaxial cables, the added capacitances can slightly
differ in value, and can be placed either at the sending or load
end of the cables, or divided between these nodes. Figure 61
shows an illustrative example where dual, 1 meter, 75 Ω cables
are driven through dc-blocking capacitors and are independently
terminated at ground level.
Because of the considerable variation between applications,
only general recommendations can be made with regard to
minimizing pulse overshoot and droop. The former can be
optimized by adding small load capacitances, if necessary;
the latter requires the use of sufficiently large capacitors (C1).
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
R
T
N
C
L
B
N
E
VPOS
BIAS AND
V-REF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
NC
CD2
CD3
RD2
VS 2.7V–6V
C1
C1
CL1
CL2
RL1
RL2
Figure 61. Driving Dual Cables with Grounded Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com