Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 24Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 25Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 26Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 27Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 28Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 29Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 30Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 31Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 28 of 40
The gain slope can be inverted, as shown in Figure 73 (available
in most versions). The gain drops with a slope of −50 dB/V
across the gain control range from maximum to minimum gain.
This slope is useful in applications, such as automatic gain
control, where the control voltage is proportional to the
measured output signal amplitude. The inverse gain mode is
selected by setting the MODE pin HI.
Gain control response time is less than 750 ns to settle within 10%
of the final value for a change from minimum to maximum gain.
VGA Noise
In a typical application, a VGA compresses a wide dynamic
range input signal to within the input span of an ADC. While
the input-referred noise of the LNA limits the minimum
resolvable input signal, the output-referred noise, which
depends primarily on the VGA, limits the maximum
instantaneous dynamic range that can be processed at any one
particular gain control voltage. This limit is set in accordance
with the quantization noise floor of the ADC.
Output and input-referred noise as a function of VGAIN are
plotted in Figure 25 and Figure 27 for the short-circuited input
conditions. The input noise voltage is simply equal to the output
noise divided by the measured gain at each point in the control
range.
The output-referred noise is flat over most of the gain range,
because it is dominated by the fixed output-referred noise of the
VGA. Values are 48 nV/√Hz in LO gain mode and 178 nV/√Hz
in HI gain mode. At the high end of the gain control range, the
noise of the LNA and source prevail. The input-referred noise
reaches its minimum value near the maximum gain control
voltage, where the input-referred contribution of the VGA
becomes very small.
At lower gains, the input-referred noise, and thus noise figure,
increases as the gain decreases. The instantaneous dynamic
range of the system is not lost, however, because the input
capacity increases with it. The contribution of the ADC noise
floor has the same dependence as well. The important
relationship is the magnitude of the VGA output noise floor
relative to that of the ADC.
With its low output-referred noise levels, these devices ideally
drive low voltage ADCs. The converter noise floor drops 12 dB
for every 2 bits of resolution and drops at lower input full-scale
voltages and higher sampling rates. ADC quantization noise is
discussed in the Applications section.
The preceding noise performance discussion applies to a
differential VGA output signal. Although the LNA noise
performance is the same in single-ended and differential
applications, the VGA performance is not. The noise of the
VGA is significantly higher in single-ended usage, because the
contribution of its bias noise is designed to cancel in the differential
signal. A transformer can be used with single-ended applications
when low noise is desired.
Gain control noise is a concern in very low noise applications.
Thermal noise in the gain control interface can modulate the
channel gain. The resultant noise is proportional to the output
signal level and usually only evident when a large signal is
present. Its effect is observable only in LO gain mode, where the
noise floor is substantially lower. The gain interface includes an
on-chip noise filter, which reduces this effect significantly at
frequencies above 5 MHz. Care should be taken to minimize
noise impinging at the GAIN input. An external RC filter can be
used to remove VGAIN source noise. The filter bandwidth should be
sufficient to accommodate the desired control bandwidth.
Common-Mode Biasing
An internal bias network connected to a midsupply voltage
establishes common-mode voltages in the VGA and postamp.
An externally bypassed buffer maintains the voltage. The bypass
capacitors form an important ac ground connection, because
the VCM network makes a number of important connections
internally, including the center tap of the VGA’s differential
input attenuator, the feedback network of the VGA’s fixed gain
amplifier, and the feedback network of the postamplifier in both
gain settings. For best results, use a 1 nF and a 0.1 μF capacitor
in parallel, with the 1 nF nearest to the VCM pin. Separate
VCM pins are provided for each channel. For dc-coupling to a
3 V ADC, the output common-mode voltage is adjusted to
1.5 V by biasing the VCM pin.
POSTAMPLIFIER
The final stage has a selectable gain of 3.5 dB (×1.5) or 15.5 dB
(×6), set by the logic pin, HILO. Figure 79 is a simplified block
diagram.
Gm2
+
–
Gm1
VOH
VOL
VCM
Gm1
Gm2
F1
F2
Figure 79. Postamplifier Block Diagram
Separate feedback attenuators implement the two gain settings.
These are selected in conjunction with an appropriately scaled
input stage to maintain a constant 3 dB bandwidth between the
two gain modes (~150 MHz). The slew rate is 1200 V/μs in HI
gain mode and 300 V/μs in LO gain mode. The feedback
networks for HI and LO gain modes are factory trimmed to
adjust the absolute gains of each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com