Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 23Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 24Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 25Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 26Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 27Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 28Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 29Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 30Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 27 of 40
The primary purpose of input impedance matching is to
improve the system transient response. With resistive termination,
the input noise increases due to the thermal noise of the
matching resistor and the increased contribution of the LNA’s
input voltage noise generator. With active impedance matching,
however, the contributions of both are smaller than they would
be for resistive termination by a factor of 1/(1 + LNA Gain).
Figure 76 shows their relative noise figure (NF) performance. In
this graph, the input impedance was swept with RS to preserve
the match at each point. The noise figures for a source impedance
of 50 Ω are 7.1 dB, 4.1 dB, and 2.5 dB, respectively, for the
resistive, active, and unterminated configurations. The noise
figures for 200 Ω are 4.6 dB, 2.0 dB, and 1.0 dB, respectively.
Figure 77 is a plot of the NF vs. RS for various values of RIN,
which is helpful for design purposes. The plateau in the NF for
actively matched inputs mitigates source impedance variations.
For comparison purposes, a preamp with a gain of 19 dB and
noise spectral density of 1.0 nV/√Hz, combined with a VGA
with 3.75 nV/√Hz, yields a noise figure degradation of
approximately 1.5 dB (for most input impedances), significantly
worse than the AD8332 performance.
The equivalent input noise of the LNA is the same for single-
ended and differential output applications. The LNA noise figure
improves to 3.5 dB at 50 Ω without VGA noise, but this is
exclusive of noise contributions from other external circuits
connected to LOP. A series output resistor is usually
recommended for stability purposes when driving external
circuits on a separate board (see the Applications section). In
low noise applications, a ferrite bead is even more desirable.
VARIABLE GAIN AMPLIFIER
The differential X-AMP VGA provides precise input
attenuation and interpolation. It has a low input-referred noise
of 2.7 nV/√Hz and excellent gain linearity. A simplified block
diagram is shown in Figure 78.
VIP
GAIN
R
6dB
2R
48dB
VIN
gm
POSTAMP
POSTAMP
+
–
GAIN INTERPOLATOR
(BOTH CHANNELS)
Figure 78. Simplified VGA Schematic
X-AMP VGA
The input of the VGA is a differential R-2R ladder attenuator
network with 6 dB steps per stage and a net input impedance of
200 Ω differential. The ladder is driven by a fully differential
input signal from the LNA and is not intended for single-ended
operation. LNA outputs are ac-coupled to reduce offset and
isolate their common-mode voltage. The VGA inputs are biased
through the ladder’s center tap connection to VCM, which is
typically set to 2.5 V and is bypassed externally to provide a
clean ac ground.
The signal level at successive stages in the input attenuator
falls from 0 dB to −48 dB in 6 dB steps. The input stages of the
X-AMP are distributed along the ladder, and a biasing interpolator,
controlled by the gain interface, determines the input tap point.
With overlapping bias currents, signals from successive taps
merge to provide a smooth attenuation range from 0 dB to
−48 dB. This circuit technique results in excellent, linear-in-dB
gain law conformance and low distortion levels and deviates
±0.2 dB or less from the ideal. The gain slope is monotonic with
respect to the control voltage and is stable with variations in
process, temperature, and supply.
The X-AMP inputs are part of a gain-of-12 feedback amplifier
that completes the VGA. Its bandwidth is 150 MHz. The input
stage is designed to reduce feedthrough to the output and to
ensure excellent frequency response uniformity across gain
setting (see Figure 12 and Figure 13).
Gain Control
Position along the VGA attenuator is controlled by a single-
ended analog control voltage, VGAIN, with an input range of
40 mV to 1.0 V. The gain control scaling is trimmed to a slope
of 50 dB/V (20 mV/dB). Values of VGAIN beyond the control
range saturate to minimum or maximum gain values. Both
channels of the AD8332 are controlled from a single gain
interface to preserve matching. Gain can be calculated using
Equation 1 and Equation 2.
Gain accuracy is very good because both the scaling factor and
absolute gain are factory trimmed. The overall accuracy relative
to the theoretical gain expression is ±1 dB for variations in
temperature, process, supply voltage, interpolator gain ripple,
trim errors, and tester limits. The gain error relative to a best-fit
line for a given set of conditions is typically ±0.2 dB. Gain
matching between channels is better than 0.1 dB (Figure 11
shows gain errors in the center of the control range). When
VGAIN < 0.1 or > 0.95, gain errors are slightly greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com