Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 12Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 13Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 14Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 18Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 16 of 40
35
30
25
20
15
10
5
0
0
0.1
0.20.30.40.50.60.70.80.91.01.1
VGAIN (V)
f = 10MHz, RS = 50Ω
PREAMP LIMITED
HILO = LO, RIN = 50Ω
HILO = LO, RFB = ∞
HILO = HI, RIN = 50Ω
HILO = HI, RIN = ∞
Figure 31. Noise Figure vs. VGAIN
30
25
20
15
10
5
0
10
15
20
25
30
35
40
45
50
55
60
GAIN (dB)
f = 10MHz, RS = 50Ω
HILO = LO, RIN = 50Ω
HILO = LO, RFB = ∞
HILO = HI, RIN = 50Ω
HILO = HI, RFB = ∞
Figure 32. Noise Figure vs. Gain
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1M
10M
100
FREQUENCY (Hz)
G = 30dB,
VOUT = 1V p-p
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
Figure 33. Harmonic Distortion vs. Frequency
–30
–40
–50
–60
–70
–80
–90
0
2000
1800
1600
1400
1200
1000
800
600
400
200
RLOAD (Ω)
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
f = 10MHz,
VOUT = 1V p-p
Figure 34. Harmonic Distortion vs. RLOAD
–40
–50
–60
–70
–80
–90
0
10
203040
CLOAD (pF)
50
f = 10MHz,
VOUT = 1V p-p
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
Figure 35. Harmonic Distortion vs. CLOAD
–20
–40
–60
–80
–100
01
234
VOUT (V p-p)
f = 10MHz,
GAIN = 30dB
HILO = LO, HD2
HILO = LO, HD3
HILO = HI, HD2
HILO = HI, HD3
Figure 36. Harmonic Distortion vs. Differential Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com