Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 27Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 28Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 29Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 30Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 31Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 32Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 33Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 34Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 31 of 40
Parallel connected devices can be driven by a common voltage
source or DAC. Decoupling should take into account any
bandwidth considerations of the drive waveform, using the total
distributed capacitance.
If gain control noise in LO gain mode becomes a factor,
maintaining ≤15 nV/√Hz noise at the GAIN pin ensures
satisfactory noise performance. Internal noise prevails below
15 nV/√Hz at the GAIN pin. Gain control noise is negligible in
HI gain mode.
VCM Input
The common-mode voltage of Pin VCM, Pin VOL, and Pin VOH
defaults to 2.5 V dc. With output ac-coupled applications, the
VCM pin is unterminated; however, it must still be bypassed in
close proximity for ac grounding of internal circuitry. The VGA
outputs can be dc connected to a differential load, such as an
ADC. Common-mode output voltage levels between 1.5 V and
3.5 V can be realized at Pin VOH and Pin VOL by applying the
desired voltage at Pin VCM. DC-coupled operation is not
recommended when driving loads on a separate PC board.
The voltage on the VCM pin is sourced by an internal buffer
with an output impedance of 30 Ω and a ±2 mA default output
current (see Figure 83). If the VCM pin is driven from an
external source, its output impedance should be <<30 Ω and its
current drive capability should be >>2 mA. If the VCM pins of
several devices are connected in parallel, the external buffer
should be capable of overcoming their collective output currents.
When a common-mode voltage other than 2.5 V is used, a
voltage-limiting resistor, RCLMP, is needed to protect against
overload.
VCM
NEW VCM
RO << 30Ω
100pF
2mA MAX
30Ω
0.1µF
INTERNAL
CIRCUITRY
AC GROUNDING FOR
INTERNAL CIRCUITRY
Figure 83. VCM Interface
Logic Inputs—ENB, MODE, and HILO
The input impedance of all enable pins is nominally 25 kΩ and
can be pulled up to 5 V (a pull-up resistor is recommended) or
driven by any 3 V or 5 V logic families. The enable pin, ENB,
powers down the VGA—when pulled low, the VGA output
voltages are near ground. Multiple devices can be driven from a
common source. Consult Table 3, Table 4, Table 5, and Table 6
for circuit functions controlled by the enable pins.
Pin HILO is compatible with 3 V or 5 V CMOS logic families. It
is either connected to ground or pulled up to 5 V, depending on
the desired gain range and output noise.
Optional Output Voltage Limiting
The RCLMP pin provides the user with a means to limit the
output voltage swing when used with loads that have no
provisions for prevention of input overdrive. The peak-to-peak
limited voltage is adjusted by a resistor to ground, and Table 8
lists several voltage levels and the corresponding resistor value.
Unconnected, the default limiting level is 4.5 V p-p.
Note that third harmonic distortion increases as waveform
amplitudes approach clipping. For lowest distortion, the clamp
level should be set higher than the converter input span. A
clamp level of 1.5 V p-p is recommended for a 1 V p-p linear
output range, 2.7 V p-p for a 2 V p-p range, or 1 V p-p for
a 0.5 V p-p operation. The best solution is determined
experimentally. Figure 84 shows third harmonic distortion
as a function of the limiting level for a 2 V p-p output signal.
A wider limiting level is desirable in HI gain mode.
–20
–30
–40
–50
–60
–70
–80
1.5
2.0
2.5
3.0
4.0
3.5
4.5
5.0
CLAMP LIMIT LEVEL (V p-p)
VGAIN = 0.75V
HILO = LO
HILO = HI
Figure 84. HD3 vs. Clamping Level for 2 V p-p Differential Input
Table 8. Clamp Resistor Values
Clamp Resistor Value (kΩ)
Clamp Level (V p-p)
HILO = LO
HILO = HI
0.5
1.21
1.0
2.74
2.21
1.5
4.75
4.02
2.0
7.5
6.49
2.5
11
9.53
3.0
16.9
14.7
3.5
26.7
23.2
4.0
49.9
39.2
4.4
100
73.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com