Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 15Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 16Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 17Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 18Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 20Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 21Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 22Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 19 of 40
1V
100ns
100
90
10
0
2V
1V
1ms
Figure 52. Enable Response, Large Signal,
Top: VENB, Bottom: V
Figure 49. VGA Overdrive Recovery, VINH 4 mV p-p to 70 mV p-p Burst,
VGAIN = 1 V VGA Output Shown Attenuated by 24 dB
B
OUT
, VINH = 150 mV p-p
0
–10
–20
–30
–40
–50
–60
–70
–80
100k
1M
10M
100M
FREQUENCY (Hz)
VPS1, VGAIN = 0.5V
VPSV, VGAIN = 0.5V
VPS1, VGAIN = 0V
1V
100ns
100
90
10
0
Figure 50. VGA Overdrive Recovery, VINH 4 mV p-p to 275 mV p-p Burst,
VGAIN = 1 V VGA Output Shown Attenuated by 24 dB
Figure 53. PSRR vs. Frequency (No Bypass Capacitor)
2V
200mV
1ms
140
130
120
110
100
90
80
70
60
50
40
30
20
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VGAIN = 0.5V
AD8334
AD8332
AD8331
Figure 51. Enable Response, Top: VENB, Bottom: V
B
OUT
, VINH = 30 mV p-p
Figure 54. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com