Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8331ARQZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8331ARQZ-R7
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8331ARQZ-R7 Datasheet HTML 19Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 20Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 21Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 22Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 23Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 24Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 25Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 26Page - Analog Devices AD8331ARQZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 23 of 40
LMD
0.1µF
0.1µF
INH
1:1
0.1µF
0.1µF
OSCILLOSCOPE
IN
50Ω
22pF
28Ω
28Ω
237Ω
237Ω
18nF 270Ω
DUT
50Ω
FERRITE
BEAD
120nH
Figure 66. Pulse Response Measurements
LMD
0.1µF
0.1µF
INH
0.1µF
DIFF
PROBE
0.1µF
OSCILLOSCOPE
CH1 CH2
22pF
255Ω
255Ω
18nF 270Ω
DUT
RF
SIGNAL
GENERATOR
TO PIN GAIN
OR ENxx
50Ω
50Ω
PULSE
GENERATOR
9.5dB
FERRITE
BEAD
120nH
Figure 67. GAIN and Enable Transient Response
LMD
0.1µF
0.1µF
INH
0.1µF
DIFF
PROBE
0.1µF
22pF
255Ω
255Ω
18nF 270Ω
DUT
RF
SIGNAL
GENERATOR
50Ω
PROBE
POWER
50Ω
NETWORK
ANALYZER
IN
OUT
TO POWER
PIN(S)
50Ω
FERRITE
BEAD
120nH
Figure 68. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com