Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8332ACP-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8332ACP-R2
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8332ACP-R2 Datasheet HTML 5Page - Analog Devices AD8332ACP-R2 Datasheet HTML 6Page - Analog Devices AD8332ACP-R2 Datasheet HTML 7Page - Analog Devices AD8332ACP-R2 Datasheet HTML 8Page - Analog Devices AD8332ACP-R2 Datasheet HTML 9Page - Analog Devices AD8332ACP-R2 Datasheet HTML 10Page - Analog Devices AD8332ACP-R2 Datasheet HTML 11Page - Analog Devices AD8332ACP-R2 Datasheet HTML 12Page - Analog Devices AD8332ACP-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 9 of 40
VCM2
RCLMP
COMM
VOL2
VOH2
VIP2
GAIN
VIN2
LOP2
COM2
LMD2
LON2
VPS2
INH2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
COM1
LOP1
LMD1
LON1
VPS1
INH1
VOH1
ENB
VIP1
VCM1
VIN1
VPSV
VOL1
HILO
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8332
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. 28-Lead TSSOP Pin Configuration (AD8332)
LMD2
LON2
NC = NO CONNECT
VPS2
INH2
8
7
6
5
1
4
3
2
29
30
31
32
28
25
26
27
LMD1
LON1
VPS1
INH1
14
13
912
11
10
COMM
VOL2
VOH2
15
16
20
17
18
19
VOH1
VOL1
21
22
23
24
NC
VPSV
COMM
AD8332
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 5. 32-Lead LFCSP Pin Configuration (AD8332)
Table 4. 28-Lead TSSOP Pin Function Description (AD8332)
Pin No.
Mnemonic
Description
1
LMD2
CH2 LNA Signal Ground
2
INH2
CH2 LNA Input
3
VPS2
CH2 Supply LNA 5 V
4
LON2
CH2 LNA Inverting Output
5
LOP2
CH2 LNA Noninverting Output
6
COM2
CH2 LNA Ground
7
VIP2
CH2 VGA Noninverting Input
8
VIN2
CH2 VGA Inverting Input
9
VCM2
CH2 Common-Mode Voltage
10
GAIN
Gain Control Voltage
11
RCLMP
Output Clamping Resistor
12
VOH2
CH2 Noninverting VGA Output
13
VOL2
CH2 Inverting VGA Output
14
COMM
VGA Ground (Both Channels)
15
VPSV
VGA Supply 5 V (Both Channels)
16
VOL1
CH1 Inverting VGA Output
17
VOH1
CH1 Noninverting VGA Output
18
ENB
Enable—VGA/LNA
19
HILO
VGA Gain Range Select (HI or LO)
20
VCM1
CH1 Common-Mode Voltage
21
VIN1
CH1 VGA Inverting Input
22
VIP1
CH1 VGA Noninverting Input
23
COM1
CH1 LNA Ground
24
LOP1
CH1 LNA Noninverting Output
25
LON1
CH1 LNA Inverting Output
26
VPS1
CH1 LNA Supply 5 V
27
INH1
CH1 LNA Input
28
LMD1
CH1 LNA Signal Ground
Table 5. 32-Lead LFCSP Pin Function Description (AD8332)
Pin No.
Mnemonic
Description
1
LON1
CH1 LNA Inverting Output
2
VPS1
CH1 LNA Supply 5 V
3
INH1
CH1 LNA Input
4
LMD1
CH1 LNA Signal Ground
5
LMD2
CH2 LNA Signal Ground
6
INH2
CH2 LNA Input
7
VPS2
CH2 LNA Supply 5 V
8
LON2
CH2 LNA Inverting Output
9
LOP2
CH2 LNA Noninverting Output
10
COM2
CH2 LNA Ground
11
VIP2
CH2 VGA Noninverting Input
12
VIN2
CH2 VGA Inverting Input
13
VCM2
CH2 Common-Mode Voltage
14
MODE
Gain Slope Logic Input
15
GAIN
Gain Control Voltage
16
RCLMP
Output Clamping Level Input
17
COMM
VGA Ground
18
VOH2
CH2 Noninverting VGA Output
19
VOL2
CH2 Inverting VGA Output
20
NC
No Connect
21
VPSV
VGA Supply 5 V
22
VOL1
CH1 Inverting VGA Output
23
VOH1
CH1 Noninverting VGA Output
24
COMM
VGA Ground
25
ENBV
VGA Enable
26
ENBL
LNA Enable
27
HILO
VGA Gain Range Select (HI or LO)
28
VCM1
CH1 Common-Mode Voltage
29
VIN1
CH1 VGA Inverting Input
30
VIP1
CH1 VGA Noninverting Input
31
COM1
CH1 LNA Ground
32
LOP1
CH1 LNA Noninverting Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com